Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54722-0164 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 54722-0164
Description  0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical1.50mm (.059") Stacking Height, Lower Circuit Size Version, 16 Circuits, Gold (Au)Plating with Nickel (Ni) Barrier Plating Between Contact and Tail
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54722-0164 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  54722-0164 Datasheet HTML 1Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 2Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 3Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 4Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 5Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 6Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 7Page - Molex Electronics Ltd. 54722-0164 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image


Similar Part No. - 54722-0164

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54722-0204 MOLEX7-54722-0204 Datasheet
783Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical,1.50mm (.059") Stacking Height, Lower Circuit Size Version, 20 Circuits, Gold Platingwith Nickel Barrier Plating Between Contact and Tail
54722-0244 MOLEX7-54722-0244 Datasheet
783Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical1.50mm (.059") Stacking Height, Lower Circuit Size Version, 24 Circuits, Gold Platingwith Nickel Barrier Plating Between Contact and Tail
54722-0304 MOLEX7-54722-0304 Datasheet
783Kb / 8P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical1.50mm (.059") Stacking Height, Lower Circuit Size Version, 30 Circuits, Gold Platingwith Nickel Barrier Plating Between Contact and Tail
54722-0344 MOLEX7-54722-0344 Datasheet
783Kb / 9P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical1.50mm (.059") Stacking Height, Lower Circuit Size Version, 34 Circuits, Gold Plating with Nickel Barrier Plating Between Contact and Tail
54722-0404 MOLEX7-54722-0404 Datasheet
695Kb / 7P
   0.50mm (.020") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, Vertical 1.50mm (.059") Stacking Height, Lower Circuit Size Version, 40 Circuits, Gold Plating with Nickel Barrier Plating Between Contact and Tail
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com