Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3P7538 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3P7538
Description  The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P7538 Datasheet(HTML) 2 Page - Samsung semiconductor

  S3P7538 Datasheet HTML 1Page - Samsung semiconductor S3P7538 Datasheet HTML 2Page - Samsung semiconductor S3P7538 Datasheet HTML 3Page - Samsung semiconductor S3P7538 Datasheet HTML 4Page - Samsung semiconductor S3P7538 Datasheet HTML 5Page - Samsung semiconductor S3P7538 Datasheet HTML 6Page - Samsung semiconductor S3P7538 Datasheet HTML 7Page - Samsung semiconductor S3P7538 Datasheet HTML 8Page - Samsung semiconductor S3P7538 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
PRODUCT OVERVIEW
S3C7524/C7528/P7528/C7534/C7538/P7538
1-2
FEATURES SUMMARY
Memory
768
× 4-bit RAM
4,096
× 8-bit ROM (S3C7524/C7534)
8,192
× 8-bit ROM (S3C7528/C7538)
35 I/O Pins
Input only: 4 pins (S3C7524/C7528)
1 pins (S3C7534/C7538)
I/O: 23 pins (S3C7524/C7528)
14 pins (S3C7534/C7538)
N-channel open-drain I/O: 8 pins
Memory-Mapped I/O Structure
Data memory bank 15
DTMF Generator
16 dual-tone frequencies for tone dialing
8-Bit Basic Timer
Programmable interval timer
Watchdog timer
Two 8-Bit Timer/Counters
Programmable 8-bit timer
External event counter function
Arbitrary clock frequency output
Watch Timer
Real-time and interval time measurement
Four frequency outputs to the BUZ pin
Bit Sequential Carrier
Supports 8-bit serial data transfer in arbitrary
format
Interrupts
3 external interrupt vectors (S3C7524/C7528)
1 external interrupt vectors (S3C7534/C7538)
3 internal interrupt vectors
2 quasi-interrupts
Power-Down Modes
Idle: Only CPU clock stops
Stop: System clock stops
Oscillation Sources
Crystal, or ceramic for main system clock
Main system clock frequency: 0.4–6.0 MHz
(typical)
CPU clock divider circuit (by 4, 8, or 64)
Instruction Execution Times
0.95, 1.91, and 15.3
µs at 4.19 MHz
1.12, 2.23, 17.88
µs at 3.58 MHz
0.67, 1.33, 10.7
µs at 6.0 MHz
Operating Temperature
– 40 °C to 85
°C
Operating Voltage Range
2.0 V to 5.5 V
Package Types
42 SDIP, 44 QFP (S3C7524/C7528)
30 SDIP, 32 SOP (S3C7534/C7538)


Similar Part No. - S3P7538

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P7515 SAMSUNG-S3P7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
S3P7544 SAMSUNG-S3P7544 Datasheet
206Kb / 27P
   Single-chip CMOS microcontroller, 512 x 4-bit RAM, 4096 x 8-bit ROM
S3P7559 SAMSUNG-S3P7559 Datasheet
266Kb / 38P
   single-chip CMOS microcontroller
S3P7565 SAMSUNG-S3P7565 Datasheet
289Kb / 42P
   single-chip CMOS microcontroller
S3P7574 SAMSUNG-S3P7574 Datasheet
150Kb / 33P
   Product Overview Address Spaces Addressing Modes Memory Map SAM47 Instruction Set
More results

Similar Description - S3P7538

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72P9 SAMSUNG-S3C72P9 Datasheet
1Mb / 225P
   SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
KS57C5204 SAMSUNG-KS57C5204 Datasheet
283Kb / 40P
   The KS57C5204/C5208/C5304/C5308/C5312 single-chip CMOS microcontroller has been designed for highperformance using SAM 47 Samsung Arrangeable Microcon
KS57C0301 SAMSUNG-KS57C0301 Datasheet
182Kb / 28P
   The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
   The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7031 SAMSUNG-S3C7031 Datasheet
154Kb / 25P
   The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com