Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56086-8000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 56086-8000
Description  2.00mm (.079") Pitch Crimp Terminal 56086, Male, 22-28 AWG, Reel, for 51227Housing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

56086-8000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  56086-8000 Datasheet HTML 1Page - Molex Electronics Ltd. 56086-8000 Datasheet HTML 2Page - Molex Electronics Ltd. 56086-8000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0560868000
Status:
Active
Description:
2.00mm (.079") Pitch Crimp Terminal 56086, Male, 22-28 AWG, Reel, for 51227
Housing
Documents:
3D Model
Product Specification PS-51216-006 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
56086
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Gender
Male
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
36
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
36
Plating min: Termination (µm)
0.90
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.50mm (.059") max.
Wire Size AWG
22, 24, 26, 28
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-51216-006, RPS-51216-006, RPS-51216-012,
RPS-51216-014
Sales Drawing
SD-56086-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
56086Series
Use With
51227
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool
0638132700
Hand Crimp Tool
for 2.00mm (.079")
Crimp Terminals,
26-28 AWG
0638192500
FineAdjust™
Applicator for
2.00mm (.079:)
Crimp Terminal,
AWG 22-28
0639007600


Similar Part No. - 56086-8000

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5608 VCC-5608 Datasheet
75Kb / 1P
   T-1 Right Angle LED Assembly
logo
Kyocera Kinseki Corpota...
5608 KSS-5608 Datasheet
743Kb / 3P
   Board to Board Connector
logo
Bourns Electronic Solut...
5608-RC BOURNS-5608-RC Datasheet
428Kb / 1P
   High Current Chokes
logo
Festo Corporation.
560818 FESTO-560818 Datasheet
98Kb / 2P
   Air solenoid valve
560819 FESTO-560819 Datasheet
99Kb / 2P
   Air solenoid valve
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com