Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C7524 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # S3C7524
Description  The S3C7524/C7528/C7534/C7538 single-chip CMOS microcontroller has been designed for high-performance using SAM 47
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7524 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button S3C7524 Datasheet HTML 5Page - Samsung semiconductor S3C7524 Datasheet HTML 6Page - Samsung semiconductor S3C7524 Datasheet HTML 7Page - Samsung semiconductor S3C7524 Datasheet HTML 8Page - Samsung semiconductor S3C7524 Datasheet HTML 9Page - Samsung semiconductor S3C7524 Datasheet HTML 10Page - Samsung semiconductor S3C7524 Datasheet HTML 11Page - Samsung semiconductor S3C7524 Datasheet HTML 12Page - Samsung semiconductor S3C7524 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
S3C7524/C7528/P7528/C7534/C7538/P7538
PRODUCT OVERVIEW
1-9
Table 1-2. S3C7534/C7538 Pin Descriptions
Pin
Name
Pin
Type
Description
Pin
Number
Share
Pin
Circuit
Type
P1.0
I
1-bit input port.
1-bit and 4-bit read and test is possible.
Each bit pull-up resistors are assignable.
23 (25)
INT0
A-4
P2.0
P2.1
P2.2
P2.3
I/O
4-bit I/O port.
1-bit and 4-bit read/write and test is possible.
Each individual pin can be assignable as input or
output. 4-bit pull-up resisters are software
assignable to input pins and are automatically
disabled for output pins.
24 (26)
25 (27)
26 (28)
27 (29)
TCLO0
TCLO1
CLO
BUZ
D-2
P3.0
P3.1
Ports 2 and 3 can be paired to enable 8-bit data
transfer.
28 (30)
29 (31)
TCL0
TCL1
D-4
P4.0
P4.1
P4.2
P4.3
P5.0–P5.3
I/O
4-bit I/O ports.
1-bit and 4-bit read/write and test is possible.
Each individual pin can be assignable as input or
output. 4-bit pull-up resisters are software
assignable to input pins and are automatically
disabled for output pins.
The N-channel open-drain or push-pull output
can be selected by software (1-bit unit).
Ports 4 and 5 can be paired to enable 8-bit data
transfer.
5 (5)
6 (6)
8 (8)
9 (10)
10–13
(11–14)
BTCO
E-2
P6.0–P6.3
P7.0–P7.3
I/O
4-bit I/O ports.
1-bit and 4-bit read/write and test is possible.
Each individual pin can be assignable as input or
output. 4-bit pull-up resisters are software
assignable to input pins and are automatically
disabled for output pins.
Ports 6 and 7 can be paired to enable 8-bit data
transfer.
14–17
(15–18)
18–21
(19–22)
KS0–KS3
KS4–KS7
D-4


Similar Part No. - S3C7524

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
S3C7544 SAMSUNG-S3C7544 Datasheet
206Kb / 27P
   Single-chip CMOS microcontroller, 512 x 4-bit RAM, 4096 x 8-bit ROM
S3C7559 SAMSUNG-S3C7559 Datasheet
266Kb / 38P
   single-chip CMOS microcontroller
S3C7565 SAMSUNG-S3C7565 Datasheet
289Kb / 42P
   single-chip CMOS microcontroller
S3C7574 SAMSUNG-S3C7574 Datasheet
150Kb / 33P
   Product Overview Address Spaces Addressing Modes Memory Map SAM47 Instruction Set
More results

Similar Description - S3C7524

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72P9 SAMSUNG-S3C72P9 Datasheet
1Mb / 225P
   SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
KS57C5204 SAMSUNG-KS57C5204 Datasheet
283Kb / 40P
   The KS57C5204/C5208/C5304/C5308/C5312 single-chip CMOS microcontroller has been designed for highperformance using SAM 47 Samsung Arrangeable Microcon
KS57C0301 SAMSUNG-KS57C0301 Datasheet
182Kb / 28P
   The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
   The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7031 SAMSUNG-S3C7031 Datasheet
154Kb / 25P
   The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com