Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3P72E8 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S3P72E8
Description  The S3C72E8/P72E8 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P72E8 Datasheet(HTML) 5 Page - Samsung semiconductor

  S3P72E8 Datasheet HTML 1Page - Samsung semiconductor S3P72E8 Datasheet HTML 2Page - Samsung semiconductor S3P72E8 Datasheet HTML 3Page - Samsung semiconductor S3P72E8 Datasheet HTML 4Page - Samsung semiconductor S3P72E8 Datasheet HTML 5Page - Samsung semiconductor S3P72E8 Datasheet HTML 6Page - Samsung semiconductor S3P72E8 Datasheet HTML 7Page - Samsung semiconductor S3P72E8 Datasheet HTML 8Page - Samsung semiconductor S3P72E8 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
S3C72E8/P72E8
PRODUCT OVERVIEW
1-5
PIN DESCRIPTIONS
Table 1-1. Pin Descriptions
Pin Name
Pin
Type
Description
Circuit
Type
Pin
Number
Share Pin
P0.0 - P0.3
I
4-bit input port.
1 and 4-bit read, and test are possible.
Pull-up registers.
A-1
35-32
K0-K3
P1.0
P1.1
I
2-bit Input port.
1 and 4-bit read, and test are possible, 2-bit pull-up
resistors are assignable by software.
A-3
37
36
INT0
INT1
P2.0
P2.1
I/O
2-bit I/O port. 1 and 4-bit read/write, and test are
possible.
Each individual pin can be specified as input or
output.
2-bit pull-up resistors are assignable by software.
Pull-up resistors are automatically disabled for
output pins.
D
23
24
BUZ
CLO
P4.0
P4.1
P4.2
P5.0 - P5.3
I/O
4-bit I/O port. 1, 4, and 8-bit read/write, and test are
possible.
4-pin unit can be specified as input or output.
4-bit pull-up resistors are assignable by software.
Pull-up resistors are automatically disabled for
output pins.
Individual pins are software configurable as open-
drain or push-pull output.
E
E-1
E-1
E-1
29
30
31
25-28
TCL0
TCLO0
P6.0 - P6.3
I/O
4-bit I/O port. 1, 4,and 8-bit read/write, and test are
possible.
Each individual pin can be specified as input or
output.
4-bit pull-up resistors are assignable by software.
Pull-up resistors are automatically disabled for
output pins.
D-1
7-10
KS0 - KS3
P7.0 - P7.3
4-bit I/O port. 1, 4, and 8-bit read/write, and test are
possible.
4-pin unit can be specified as input or output.
4-bit pull-up resistors are assignable by software.
Pull-up resistors are automatically disabled for
output pins.
11-14
KS4 - KS7
P8.0 - P8.15
O
4-bit controllable output.
(Dual function as segment output pins)
H-9
42-57
SEG0 -
SEG15
SEG16-SEG59
LCD segment display signal output.
H-10
58-100
,1
-
SEG0 - SEG15
LCD segment display signal output.
H-9
42-57
P8.0 - P8.15
COM0 - COM8
LCD common signal output.
H-11
38-41
2-6
-
INT0 - INT1
I
External interrupts. The triggering edge for INT0,
and INT1 is selectable
37-36
P1.0 -P1.1
KS0 - KS7
I/O
Quasi-interrupt input for falling edge detection.
7-14
P6.0 - P7.3
K0 - K3
I
Vector interrupt input
K0 - K3: falling edge detection
35-32
P0.0 - P0.3


Similar Part No. - S3P72E8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P7235 SAMSUNG-S3P7235 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3P7238 SAMSUNG-S3P7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3P7295 SAMSUNG-S3P7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3P72B9 SAMSUNG-S3P72B9 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
S3P72C8 SAMSUNG-S3P72C8 Datasheet
237Kb / 37P
   The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results

Similar Description - S3P72E8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C21408 SAMSUNG-KS57C21408 Datasheet
238Kb / 30P
   The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
S3C7281 SAMSUNG-S3C7281 Datasheet
135Kb / 21P
   The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
S3C72B5 SAMSUNG-S3C72B5 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
   The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com