Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3P72B9 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S3P72B9
Description  The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P72B9 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S3P72B9 Datasheet HTML 2Page - Samsung semiconductor S3P72B9 Datasheet HTML 3Page - Samsung semiconductor S3P72B9 Datasheet HTML 4Page - Samsung semiconductor S3P72B9 Datasheet HTML 5Page - Samsung semiconductor S3P72B9 Datasheet HTML 6Page - Samsung semiconductor S3P72B9 Datasheet HTML 7Page - Samsung semiconductor S3P72B9 Datasheet HTML 8Page - Samsung semiconductor S3P72B9 Datasheet HTML 9Page - Samsung semiconductor S3P72B9 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
PRODUCT OVERVIEW
S3C72B5/C72B7/C72B9/P72B9
1-6
POWER DOWN
To reduce power consumption, there are two power-down modes: idle and stop. The IDLE instruction initiates idle
mode and the STOP instruction initiates stop mode.
In idle mode, only the CPU clock stops while peripherals and the oscillation source continue to operate normally.
Stop mode effects only the main system clock — a subsystem clock, if used, continues oscillating. In stop mode,
main system clock oscillation stops completely, halting all operations except for a few basic peripheral functions.
RESET or an interrupt can be used to terminate either idle or stop mode.
RESET
RESET
When a
RESET signal occurs during normal operation or during power-down mode, the CPU enters idle mode
when the reset operation is initiated. When the standard oscillation stabilization interval (31.3 ms at 4.19 MHz)
has elapsed, normal CPU operation resumes.
I/O PORTS
The S3C72B5/C72B7/C72B9 has 13 I/O ports. Pin addresses for all I/O ports are mapped in bank 15 of the RAM.
There are 4 input pins and 47 configurable I/O pins for a total of 51 I/O pins. The contents of I/O port pin latches
can be read, written, or tested at the corresponding address using bit manipulation instructions.
TIMERS and TIMER/COUNTERS
The timer function has four main components: an 8-bit basic interval timer, an 8-bit timer/counter, a 16-bit
timer/counter and a watch timer. The 8-bit basic timer generates interrupt requests at precise intervals, based on
the selected clock frequency and has watch-dog timer function.
The programmable 8-bit and 16-bit timer/counters are used for external event counting, generation of arbitrary
clock frequencies for output, and dividing external clock signals. The 16-bit timer/counter is the source of the
clock signal that is required to drive the serial I/O interface and configurable as two 8-bit timer/counters.
The watch timer has an 8-bit watch timer mode register, a clock selector and a frequency divider circuit. Its
functions include real-time and watch-time measurement, clock generation for the LCD controller and frequency
outputs for buzzer sound.
LCD DRIVER/CONTROLLER
The S3C72B5/C72B7/C72B9 can directly drive an up-to-1,280-dot LCD panel. The LCD function block has the
following components:
— RAM area for storing display data
— 80 segment output pins (SEG0–SEG79)
— Segment expandable circuit
— 16 common output pins (COM0–COM15)
— 5 operating power supply pins (V
LC1–VLC5)
— Sixteen level LCD contrast control circuit (software)
Frame frequency, LCD clock, duty, and segment pins used for display output are controlled by bit settings in the
8-bit mode register, LMOD. You use the 4-bit LCD control register, LCON, to turn the LCD display on and off,
and to control current supplied to the dividing resistors. Segment data are output using a direct memory access
method synchronized with the LCD frame frequency (f
LCD).
Using the main system clock, the LCD panel operates in idle mode; during stop mode, it is turned off. If a
subsystem clock is used as a clock source, the LCD panel will continue to operate during stop and idle modes.


Similar Part No. - S3P72B9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P7235 SAMSUNG-S3P7235 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3P7238 SAMSUNG-S3P7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3P7295 SAMSUNG-S3P7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3P72C8 SAMSUNG-S3P72C8 Datasheet
237Kb / 37P
   The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3P72E8 SAMSUNG-S3P72E8 Datasheet
207Kb / 27P
   The S3C72E8/P72E8 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
More results

Similar Description - S3P72B9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C70F2 SAMSUNG-S3C70F2 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com