Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C72E8 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3C72E8
Description  The S3C72E8/P72E8 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72E8 Datasheet(HTML) 2 Page - Samsung semiconductor

  S3C72E8 Datasheet HTML 1Page - Samsung semiconductor S3C72E8 Datasheet HTML 2Page - Samsung semiconductor S3C72E8 Datasheet HTML 3Page - Samsung semiconductor S3C72E8 Datasheet HTML 4Page - Samsung semiconductor S3C72E8 Datasheet HTML 5Page - Samsung semiconductor S3C72E8 Datasheet HTML 6Page - Samsung semiconductor S3C72E8 Datasheet HTML 7Page - Samsung semiconductor S3C72E8 Datasheet HTML 8Page - Samsung semiconductor S3C72E8 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PRODUCT OVERVIEW
S3C72E8/P72E8
1-2
FEATURES SUMMARY
Memory
8192
× 8 bit program memory
5120
× 4 bit data memory in S3C72E8
108 x 5 bit display memory
39 I/O Pins
Input: 6 pins
I/O: 17 pins
Output: maximum 16 pins for 1-bit level output
(sharing with segment driver outputs)
8-Bit Basic Timer
Four internal timer functions
8-Bit Timer/Counter 0
Programmable 8-bit timer
External event counter
Arbitrary clock frequency output
External clock signal divider
Watch Timer
Time interval generation: 0,5ms, 3,9ms at
32768Hz
4 frequency (2/4/8/16 kHz) outputs to BUZ pin
Interrupts
Three external vectored interrupts: INT0, INT1,
INTP0
Two internal vectored interrupts: INTB, INTT0
Two quasi-interrupts: INTW, INT2
Memory Mapped I/O Structure
LCD Display
12 characters dot matrix display (5 x 7)
12 digit display (8 segments)
60 segments and 9 common pins
Power-Down Modes
Idle mode (only CPU clock stops)
Stop mode (Main-System clock and CPU clock
stops)
Oscillation Sources
Crystal, ceramic, or External RC for system clock
Main-system clock frequency: 0.4 MHz - 6MHz
Sub-system clock frequency: 32,768kHz
CPU clock divider circuit (by 4,8, or 64)
Instruction Execution Times
0.67, 1.33, 10.7 µs at 6MHz
0.95, 1.91, 15.3 µs at 4.19 MHz
122 µs at 32.768 kHz
Operating Temperature
-45 °C to 85 °C
Operating Voltage Range
1.8 V to 5.5 V
Package Type
100-pin QFP Package


Similar Part No. - S3C72E8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7235 SAMSUNG-S3C7235 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7281 SAMSUNG-S3C7281 Datasheet
135Kb / 21P
   The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72B5 SAMSUNG-S3C72B5 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
More results

Similar Description - S3C72E8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C21408 SAMSUNG-KS57C21408 Datasheet
238Kb / 30P
   The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
S3C7281 SAMSUNG-S3C7281 Datasheet
135Kb / 21P
   The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
S3C72B5 SAMSUNG-S3C72B5 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
   The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
   The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com