Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C72C8 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S3C72C8
Description  The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72C8 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S3C72C8 Datasheet HTML 3Page - Samsung semiconductor S3C72C8 Datasheet HTML 4Page - Samsung semiconductor S3C72C8 Datasheet HTML 5Page - Samsung semiconductor S3C72C8 Datasheet HTML 6Page - Samsung semiconductor S3C72C8 Datasheet HTML 7Page - Samsung semiconductor S3C72C8 Datasheet HTML 8Page - Samsung semiconductor S3C72C8 Datasheet HTML 9Page - Samsung semiconductor S3C72C8 Datasheet HTML 10Page - Samsung semiconductor S3C72C8 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
S3C72C8/P72C8
PRODUCT OVERVIEW
1-7
Table 1-1. S3C72C8 Pin Descriptions (Continued)
Pin Name
Pin
Type
Description
Circuit
Type
Number
Share Pin
SEG0-SEG3
I/O
LCD segment display signal output pins
H–13
19-22
(25-28)
P5.0-P5.3
SEG4-SEG7
23-26
(29-32)
P6.0-P6.3
SEG8-SEG11
27-30
(33-36)
P7.0-P7.3
SEG12-SEG15
O
LCD segment display output pins
H–6
31-34
(37-40)
COM7-COM4
COM0-COM3
O
LCD common signal output pins
H–4
38-35
(2-1,
42-41)
COM4-COM7
I/O
LCD common signal output pins
H–6
34-31
(40-37)
SEG12–
SEG15
SCK
I/O
Serial interface clock signal
E–1
16 (22)
P0.0
SO
I/O
Serial data output
E–1
15 (21)
P0.1
SI
I/O
Serial data input
E–1
14 (20)
P0.2
BTCO
I/O
Basic timer overflow signal
E–1
13 (19)
P0.3
TCLO1
I/O
Timer/counter external clock output
E–1
39 (3)
P1.0/INT0
TCL1
I/O
Timer/counter external clock input
E–1
40 (4)
P1.1/INT1
CLO
I/O
Clock output
E–1
41 (5)
P1.2/INT2
BUZ
I/O
Frequency output to buzzer
E–1
42 (6)
P1.3/INT4
RESET
I
System
RESET pin
B
12 (18)
Xin, Xout
Clock input and output pins for main system
clock
8-7
(14-13)
XTin, XTout
Clock input and output pins for subsystem
clock
10-11
(16-17)
CIN0–CIN3
I
Analog input port for Comparator
F–8
1-4
(7-10)
P2.0/K0
-P2.3/K3
K0–K3
I/O
External interrupts. The triggering edge is
selectable.
F–8
1-4
(7-10)
P2.0/CIN0
-P2.3/CIN3
INT0
INT1
I
External interrupts. The triggering edge for
INT0 and INT1 is selectable.
E–1
39 (3)
40 (4)
P1.0/TCLO1
-P1.1/TCL1


Similar Part No. - S3C72C8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7235 SAMSUNG-S3C7235 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7281 SAMSUNG-S3C7281 Datasheet
135Kb / 21P
   The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72B5 SAMSUNG-S3C72B5 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
More results

Similar Description - S3C72C8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72I9 SAMSUNG-S3C72I9 Datasheet
218Kb / 32P
   The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72F5 SAMSUNG-S3C72F5 Datasheet
263Kb / 41P
   The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com