Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C72B7 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S3C72B7
Description  The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72B7 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S3C72B7 Datasheet HTML 7Page - Samsung semiconductor S3C72B7 Datasheet HTML 8Page - Samsung semiconductor S3C72B7 Datasheet HTML 9Page - Samsung semiconductor S3C72B7 Datasheet HTML 10Page - Samsung semiconductor S3C72B7 Datasheet HTML 11Page - Samsung semiconductor S3C72B7 Datasheet HTML 12Page - Samsung semiconductor S3C72B7 Datasheet HTML 13Page - Samsung semiconductor S3C72B7 Datasheet HTML 14Page - Samsung semiconductor S3C72B7 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
S3C72B5/C72B7/C72B9/P72B9
PRODUCT OVERVIEW
1-11
Table 1-1. S3C72B5/C72B7/C72B9 Pin Descriptions (Continued)
Pin Name
Pin Type
Description
Number
Share Pin
INT0
I
External interrupts with rising/falling edge detection
28
P1.0
INT1
I
External interrupts with rising/falling edge detection
29
P1.1
INT2
I
External quasi-interrupts with rising/falling edge
detection
30
P1.2
INT4
I
External interrupts with rising/falling edge detection
31
P1.3
M
I/O
Alternated signal for SEG driver
32
P2.0
LCDFR
I/O
Synchronous frame signal for SEG driver
33
P2.1
CLO1
I/O
Clock output or operating clock for SEG driver
34
P2.2
CLO2
I/O
Clock output or operating clock for SEG driver
35
P2.3
CL
I/O
Data shift clock for SEG driver
36
P3.0
TCLO0
I/O
Timer/counter0 clock output
36
P3.0
TCLO1
I/O
Timer/counter1 clock output
37
P3.1
TCL0
I/O
External clock input for timer/counter 0
38
P3.2
TCL1
I/O
External clock input for timer/counter 1
39
P3.3
CIN0–CIN2
I/O
CIN0,1: comparator input only
CIN2: comparator input or external reference input
40, 41
42
P4.0–P4.1
P4.2
SEG0–SEG47
O
LCD segment data output
122–75
SEG48–
SEG79
O
LCD segment data output
74–43
Port13–6
SEG80–
SEG87
O
LCD segment data output
2,1,
128–123
COM15–8
COM0–COM7
O
LCD common data output
10–3
COM8–COM15
O
LCD common data output
123–128
1, 2
SEG87–80
VLC1–VLC5
LCD power supply. Voltage dividing resistors are
fixed.
15–11
VDD
Main power supply
20
VSS
Ground
21
Xin, Xout
Crystal, Ceramic, or RC oscillator signal I/O for main
system clock.
23, 22
XTin, XTout
Crystal oscillator signal I/O for subsystem clock.
25, 26
TEST
I
Test signal input (must be connected to VSS)
24
RESET
I
Reset signal
27
NOTE: Pull-up resistors for all I/O ports are automatically disabled if they are configured to output mode.


Similar Part No. - S3C72B7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7235 SAMSUNG-S3C7235 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7281 SAMSUNG-S3C7281 Datasheet
135Kb / 21P
   The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72C8 SAMSUNG-S3C72C8 Datasheet
237Kb / 37P
   The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results

Similar Description - S3C72B7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C70F2 SAMSUNG-S3C70F2 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com