Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C7281 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S3C7281
Description  The S3C7281 is a SAM48 core-based 4-bit CMOS single-chip microcontroller. It is built around the SAM48 core CPU and contains ROM, RAM.
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7281 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S3C7281 Datasheet HTML 2Page - Samsung semiconductor S3C7281 Datasheet HTML 3Page - Samsung semiconductor S3C7281 Datasheet HTML 4Page - Samsung semiconductor S3C7281 Datasheet HTML 5Page - Samsung semiconductor S3C7281 Datasheet HTML 6Page - Samsung semiconductor S3C7281 Datasheet HTML 7Page - Samsung semiconductor S3C7281 Datasheet HTML 8Page - Samsung semiconductor S3C7281 Datasheet HTML 9Page - Samsung semiconductor S3C7281 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
PRODUCT OVERVIEW
S3C7281
1-6
Table 1-1. S3C7281 Pin Descriptions (Continued)
Pin Name
Pin Type
Share Pin
Circuit Type
RESET
Value
P0.0 - P0.2
P0.3
I/O
CLO, BUZ, BUZ
E-2
Input
P1.0 - P1.1
I/O
KS0, KS1
E-2
Input
P2.0 - P2.7
O
SEG17 - SEG10
H-28
Low output
COM0, COM1
O
H-4
Low output
COM2, COM3
O
SEG0, SEG1
H-6
Low output
SEG2 - SEG9
O
H-5
Low output
SEG10 - SEG17
O
P2.7 - P2.1
H-28
Low output
V
DD
V
SS
RESET
I
B
XT
IN, XTOUT
TEST
I


Similar Part No. - S3C7281

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7235 SAMSUNG-S3C7235 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72B5 SAMSUNG-S3C72B5 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
S3C72B7 SAMSUNG-S3C72B7 Datasheet
289Kb / 37P
   The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung A
More results

Similar Description - S3C7281

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C72E8 SAMSUNG-S3C72E8 Datasheet
207Kb / 27P
   The S3C72E8/P72E8 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
KS57C21408 SAMSUNG-KS57C21408 Datasheet
238Kb / 30P
   The KS57C21408/C21418/P21408 is a SAM47 core-based 4-bit CMOS single-chip microcontroller. It has a timer/counter and LCD drivers.
KS57C5404 SAMSUNG-KS57C5404 Datasheet
228Kb / 28P
   The KS57C5404 single-chip CMOS microcontroller is designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable Micro
logo
Daewoo Semiconductor
DMC6830 DAEWOO-DMC6830 Datasheet
1Mb / 34P
   DMC6830 Is A REMOTE CONTROL TRANSMITTER, CONSISTS OF THE OPTIMIZED 4-BIT CPU WITH ROM AND RAM
logo
NXP Semiconductors
S12CPU15UG NXP-S12CPU15UG Datasheet
7Mb / 548P
   The HCS12 V1.5 Core is a 16-bit processing core using the 68HC12 instruction set architecture (ISA).
Version 1.2
logo
Hitachi Semiconductor
HMCS43C HITACHI-HMCS43C Datasheet
1Mb / 21P
   CMOS 4-BIT SINGLE CHIP MICROCOMPUTER WHICH CONTAINS ROM
logo
Samsung semiconductor
S3C7031 SAMSUNG-S3C7031 Datasheet
154Kb / 25P
   The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
KS57C0301 SAMSUNG-KS57C0301 Datasheet
182Kb / 28P
   The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
   The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com