Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C7048 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S3C7048
Description  The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7048 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S3C7048 Datasheet HTML 7Page - Samsung semiconductor S3C7048 Datasheet HTML 8Page - Samsung semiconductor S3C7048 Datasheet HTML 9Page - Samsung semiconductor S3C7048 Datasheet HTML 10Page - Samsung semiconductor S3C7048 Datasheet HTML 11Page - Samsung semiconductor S3C7048 Datasheet HTML 12Page - Samsung semiconductor S3C7048 Datasheet HTML 13Page - Samsung semiconductor S3C7048 Datasheet HTML 14Page - Samsung semiconductor S3C7048 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
S3C7044/C7048/P7048
PRODUCT OVERVIEW
1-11
Table 1-1. S3C7044/C7048 Pin Descriptions (Continued)
Pin Name
Pin Type
Description
Number
Share
Pin
SCK
I/O
Serial I/O interface clock signal
12 (28)
P0.0
SO
I/O
Serial data output
11 (27)
P0.1
SI
I/O
Serial data input
10 (26)
P0.2
BTCO
I/O
Basic timer clock output (2 Hz, 16 Hz, 64 Hz, or 256
Hz at 4.19 MHz)
9 (25)
P0.3
INT0, INT1
I
External interrupts. The triggering edge for INT0 and
INT1 is selectable. INT0 is synchronized to system
clock.
4, 3
(20, 19)
P1.0, P1.1
INT2
I
Quasi-interrupt with detection of rising edges
2 (18)
P1.2
INT4
I
External interrupt with detection of rising and falling
edges.
1 (17)
P1.3
TCLO0
I/O
Timer/counter 0 clock output
8 (24)
P2.0
TCLO1
I/O
Timer/counter 1 clock output
7 (23)
P2.1
CLO
I/O
Clock output
6 (22)
P2.2
BUZ
I/O
2 kHz, 4 kHz, 8 kHz, or 16 kHz frequency output at
4.19 MHz for buzzer sound
5 (21)
P2.3
TCL0
I/O
External clock input for timer/counter 0
20 (38)
P3.0
TCL1
I/O
External clock input for timer/counter 1
19 (37)
P3.1
KS0–KS3
KS4–KS7
I/O
Quasi-interrupt inputs with falling edge detection
37–34
(11–8)
41–38
(15–12)
P6.0–P6.3
P7.0–P7.3
VDD
Power supply
21 (39)
VSS
Ground
42 (16)
RESET
I
Reset signal
31 (5)
Xin, Xout
Crystal, ceramic, or RC oscillator signal for system
clock (For external clock input, use Xin and input
Xin's reverse phase to Xout)
33, 32
(7, 6)
TEST
Test signal input (must be connected to VSS)
22 (40)
NC
No connection (must be connected to VSS)
(33, 34)
NOTE: Parentheses indicate pin number for 44 QFP package.


Similar Part No. - S3C7048

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7031 SAMSUNG-S3C7031 Datasheet
154Kb / 25P
   The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C7032 SAMSUNG-S3C7032 Datasheet
154Kb / 25P
   The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
S3C70F2 SAMSUNG-S3C70F2 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C70F4 SAMSUNG-S3C70F4 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
More results

Similar Description - S3C7048

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
   The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C70F2 SAMSUNG-S3C70F2 Datasheet
271Kb / 38P
   The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C7238 SAMSUNG-S3C7238 Datasheet
295Kb / 36P
   The S3C7238/C7235 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
   The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com