Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54550-0571 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 54550-0571
Description  0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMTZIF, Top Contact Style, 5 Circuits, Gold (Au) Contact Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54550-0571 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  54550-0571 Datasheet HTML 1Page - Molex Electronics Ltd. 54550-0571 Datasheet HTML 2Page - Molex Electronics Ltd. 54550-0571 Datasheet HTML 3Page - Molex Electronics Ltd. 54550-0571 Datasheet HTML 4Page - Molex Electronics Ltd. 54550-0571 Datasheet HTML 5Page - Molex Electronics Ltd. 54550-0571 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0545500571
Status:
Active
Overview:
ffc_fpc_smt
Description:
0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,
ZIF, Top Contact Style, 5 Circuits, Gold (Au) Contact Plating
Documents:
3D Model
Product Specification PS-54550-012 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
FFC/FPC Connectors
Series
54550
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
5
Contact Position
Top
Durability (mating cycles max)
20
Entry Angle
90° Angle
Mated Height (in)
0.047 In
Mated Height (mm)
1.20 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-54550-056
Product Specification
PS-54550-012, RPS-54550-078, RPS-54550-080,
RPS-54550-083, RPS-54550-088, RPS-54550-089,
RPS-54550-090
Sales Drawing
SD-54550-042, SD-54550-043
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54550Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 54550-0571

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54550-0671 MOLEX7-54550-0671 Datasheet
519Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,ZIF, Top Contact Style, 6 Circuits, Gold (Au) Contact Plating
logo
MolexKits
54550-0694 MOLEXKITS-54550-0694 Datasheet
39Kb / 3P
   Ultra Low Profile SMT ZIF Right Angle Receptacle and Premo-Flex Cable
logo
Molex Electronics Ltd.
54550-0771 MOLEX7-54550-0771 Datasheet
519Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMT,ZIF, Top Contact Style, 7 Circuits, Gold (Au) Contact Plating
54550-0871 MOLEX7-54550-0871 Datasheet
519Kb / 6P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMTZIF, Top Contact Style, 8 Circuits, Gold Contact Plating
logo
MolexKits
54550-0894 MOLEXKITS-54550-0894 Datasheet
39Kb / 3P
   Ultra Low Profile SMT ZIF Right Angle Receptacle and Premo-Flex Cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com