Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3F380D Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S3F380D
Description  Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3F380D Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S3F380D Datasheet HTML 6Page - Samsung semiconductor S3F380D Datasheet HTML 7Page - Samsung semiconductor S3F380D Datasheet HTML 8Page - Samsung semiconductor S3F380D Datasheet HTML 9Page - Samsung semiconductor S3F380D Datasheet HTML 10Page - Samsung semiconductor S3F380D Datasheet HTML 11Page - Samsung semiconductor S3F380D Datasheet HTML 12Page - Samsung semiconductor S3F380D Datasheet HTML 13Page - Samsung semiconductor S3F380D Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PRODUCT OVERVIEW
S3C380D/F380D
1-10
VDD
Data
Open-drain
In/Out
Input
Schmitt Trigger Input
Output DIsable
Figure 1-9. Pin Circuit type 7 (P0.4-P0.7)
A/D Input
In
Figure 1-10. Pin Circuit type 8 (CVI IN, ADC0)
Schmitt Trigger Input
In
VDD
50 K
Noise Filter
Figure 1-11. Pin Circuit type 9 (RESET)


Similar Part No. - S3F380D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3F ETC2-S3F Datasheet
200Kb / 5P
   Medium Capacity Standard Size Toggles
logo
PANDUIT CORP.
S3F-C PANDUIT-S3F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
logo
Samsung semiconductor
S3F441FX SAMSUNG-S3F441FX Datasheet
1Mb / 233P
   32-Bit CMOS RISC Microprocessor
S3F443FX SAMSUNG-S3F443FX Datasheet
708Kb / 36P
   16/32-Bit RISC Microcontroller
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
More results

Similar Description - S3F380D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
S3C4510B SAMSUNG-S3C4510B Datasheet
2Mb / 422P
   Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
S3C2510A SAMSUNG-S3C2510A Datasheet
412Kb / 46P
   16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
S3F443FX SAMSUNG-S3F443FX Datasheet
708Kb / 36P
   16/32-Bit RISC Microcontroller
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com