Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C380D Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3C380D
Description  Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C380D Datasheet(HTML) 2 Page - Samsung semiconductor

  S3C380D Datasheet HTML 1Page - Samsung semiconductor S3C380D Datasheet HTML 2Page - Samsung semiconductor S3C380D Datasheet HTML 3Page - Samsung semiconductor S3C380D Datasheet HTML 4Page - Samsung semiconductor S3C380D Datasheet HTML 5Page - Samsung semiconductor S3C380D Datasheet HTML 6Page - Samsung semiconductor S3C380D Datasheet HTML 7Page - Samsung semiconductor S3C380D Datasheet HTML 8Page - Samsung semiconductor S3C380D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PRODUCT OVERVIEW
S3C380D/F380D
1-2
FEATURES
CPU
ARM7T CPU core
Memory
4-Kbyte RAM (3008-byte general purpose register
area + 1088-byte OSD/CCD RAM)
128 Kbyte internal program memory
General I/O
Four I/O ports (25 pins total)
(6 V O/D: 3 pins, 5 V O/D: 4 pins)
Basic timer and watchdog timer
8-bit counter + 3-bit counter
Overflow signal of 8-bit counter makes a basic
timer interrupt and control the oscillation warm-up
time
Overflow signal of 3-bit counter makes a system
reset
Timer/Counters
Three general purpose 16-bit timer/counters with
interval timer modes
Interrupts
16 interrupt sources and 2 vectors
Fast interrupt processing
2 interrupt shadow registers (32 bit
× 2)
Pulse width modulation (PWM) module
14-bit PWM with 2-channel PWM counter
A/D converter
5-channel: 4-bit conversion resolution (flash ADC)
Remocon receiver
FIFO 8 steps
FIFO interrupt is full (8) step overflow
On screen display (OSD) mode
Analog level OSD
Halftone
64 character colors
16 different character sizes
Graphic OSD
S/W CCD
Oscillator frequency
32,768 Hz external crystal oscillator
1 Hz generation for real time clock
PLL (Phase Lock Loop) controlled oscillators
Maximum 16 MHz CPU clock
Operating temperature Range
- 20
°C to + 85 °C
Operating Voltage Range
4.5 V to 5.5 V
Package Type
42-pin SDIP


Similar Part No. - S3C380D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C3410X SAMSUNG-S3C3410X Datasheet
1Mb / 178P
   16-Bit CMOS Microcontrollers
More results

Similar Description - S3C380D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
S3C4510B SAMSUNG-S3C4510B Datasheet
2Mb / 422P
   Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
S3C2510A SAMSUNG-S3C2510A Datasheet
412Kb / 46P
   16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
S3F443FX SAMSUNG-S3F443FX Datasheet
708Kb / 36P
   16/32-Bit RISC Microcontroller
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com