Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0527451597 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 0527451597
Description  0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style,15 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0527451597 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  0527451597 Datasheet HTML 1Page - Molex Electronics Ltd. 0527451597 Datasheet HTML 2Page - Molex Electronics Ltd. 0527451597 Datasheet HTML 3Page - Molex Electronics Ltd. 0527451597 Datasheet HTML 4Page - Molex Electronics Ltd. 0527451597 Datasheet HTML 5Page - Molex Electronics Ltd. 0527451597 Datasheet HTML 6Page - Molex Electronics Ltd. 0527451597 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image


Similar Part No. - 0527451597

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0527451097 MOLEX7-0527451097 Datasheet
491Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style 10 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
0527451197 MOLEX7-0527451197 Datasheet
491Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style 11 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
0527451297 MOLEX7-0527451297 Datasheet
491Kb / 3P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Plug Housing for AVS 0.3, 2 Circuits
0527451397 MOLEX7-0527451397 Datasheet
491Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style
0527451497 MOLEX7-0527451497 Datasheet
491Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style14 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com