Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0513470800 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0513470800
Description  3.30mm (.130") Pitch Wire-to-Wire Receptacle Housing, Positive Lock, Dual Row, 8 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0513470800 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0513470800 Datasheet HTML 1Page - Molex Electronics Ltd. 0513470800 Datasheet HTML 2Page - Molex Electronics Ltd. 0513470800 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 0513470800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0513470200 MOLEX7-0513470200 Datasheet
386Kb / 4P
   3.30mm (.130") Pitch Wire-to-Wire Receptacle Housing, Positive Lock, Single Row, 2Circuits, White
0513470300 MOLEX7-0513470300 Datasheet
386Kb / 3P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Header, Vertical, 9 Circuits
0513470400 MOLEX7-0513470400 Datasheet
386Kb / 4P
   3.30mm (.130") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, PositiveLock, Single Row, 4 Circuits, White
0513470600 MOLEX7-0513470600 Datasheet
230Kb / 3P
   3.30mm (.130") Pitch Wire-to-Wire Receptacle Housing, Positive Lock, Dual Row, 6Circuits
0513470650 MOLEX7-0513470650 Datasheet
197Kb / 2P
   3.30mm (.130") Pitch Wire-to-Board Receptacle Housing, Positive Lock, Single Row, 6Circuits, White
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com