Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D2511B01-A0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S1D2511B01-A0
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2511B01-A0 Datasheet(HTML) 5 Page - Samsung semiconductor

  S1D2511B01-A0 Datasheet HTML 1Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 2Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 3Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 4Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 5Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 6Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 7Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 8Page - Samsung semiconductor S1D2511B01-A0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01
5
REFERENCE DATA
Table 2. Reference Data
Parameter
Value
Unit
Horizontal frequency
15 to 150
kHz
Autosynch frequency (for given R0 and C0)
1 to 4.5FO
FH
± Horizontal sync polarity input
YES
Polarity detection (on both horizontal and vertical section)
YES
TTL Composite synch
YES
Lock/Unlock identification (on both horizontal 1st PLL and vertical section)
YES
I2C control for H-Position
±10
%
XRay protection
YES
I2C horizontal duty cycle adjust
30 to 60
%
I2C free running frequency adjustment
0.8 to 1.3FO
FH
Stand-by function
YES
Dual polarity H-Drive outputs
NO
Supply voltage monitoring
YES
PLL1 inhibition possibility
NO
Blanking output
NO
Vertical frequency
35 to 200
Hz
Vertical autosync (for 150nF on Pin22 and 470nF on Pin20)
50 to 165
Hz
Vertical S-Correction
YES
Vertical C-Correction
YES
Vertical amplitude adjustment
YES
DC breathing control on Vertical amplitude
YES
East/West parabola output(also known as Pin cushion output)
YES
East/West correction amplitude adjustment
YES
Keystone adjustment
YES
Internal dynamic horizontal phase control
YES
Side pin balance amplitude adjustment
YES
Parallelogram adjustment
YES
Tracking of geometric corrections with vertical amplitude and position
YES


Similar Part No. - S1D2511B01-A0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01-A0B0 SAMSUNG-S1D2512X01-A0B0 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2514X01 SAMSUNG-S1D2514X01 Datasheet
549Kb / 54P
   S1D2514X01-D0B0
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results

Similar Description - S1D2511B01-A0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com