Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0503227312 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0503227312
Description  Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size6 (M3.5), Oxygen-Free Copper, Length 15.00mm (.591
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0503227312 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0503227312 Datasheet HTML 1Page - Molex Electronics Ltd. 0503227312 Datasheet HTML 2Page - Molex Electronics Ltd. 0503227312 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0503227312

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0503227112 MOLEX7-0503227112 Datasheet
156Kb / 3P
   Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size5 (M3), Oxygen-Free Copper, Length 15.00mm (.591")
0503227212 MOLEX7-0503227212 Datasheet
156Kb / 3P
   Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size(M3), Oxygen-Free Copper, Length 16.00mm (.630")
0503227612 MOLEX7-0503227612 Datasheet
156Kb / 3P
   Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size8 (M4), Oxygen-Free Copper, Length 16.40mm (.646"), Width 7.00mm (.276")
0503227812 MOLEX7-0503227812 Datasheet
156Kb / 3P
   Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size10 (M5), Oxygen-Free Copper, Length 16.40mm (.646")
More results

Similar Description - 0503227312

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0503227112 MOLEX7-0503227112 Datasheet
156Kb / 3P
   Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size5 (M3), Oxygen-Free Copper, Length 15.00mm (.591")
0503227812 MOLEX7-0503227812 Datasheet
156Kb / 3P
   Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size10 (M5), Oxygen-Free Copper, Length 16.40mm (.646")
0502247212 MOLEX7-0502247212 Datasheet
91Kb / 2P
   Ring Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size 6(M3.5), Oxygen-Free Copper, Length 14.40mm (.567
0505197425 MOLEX7-0505197425 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size 6(M3.5), Oxygen-Free Copper, Length 13.80mm (.543
0503227212 MOLEX7-0503227212 Datasheet
156Kb / 3P
   Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size(M3), Oxygen-Free Copper, Length 16.00mm (.630")
0502257112 MOLEX7-0502257112 Datasheet
94Kb / 2P
   Ring Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size 6(M3.5), Oxygen-Free Copper, Length 14.40mm (.567")
0503237112 MOLEX7-0503237112 Datasheet
93Kb / 2P
   Spade Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size5 (M3), Oxygen-Free Copper, Length 15.80mm (.622
0503237712 MOLEX7-0503237712 Datasheet
93Kb / 2P
   Spade Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size10 (M5), Oxygen-Free Copper, Length 16.80mm (.661")
0505197825 MOLEX7-0505197825 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud SizeM10, Oxygen-Free Copper, Length 21.80mm (.858")
0505197125 MOLEX7-0505197125 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size 5M3), Oxygen-Free Copper, Length 13.80mm (.543")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com