Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53649-1074 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 53649-1074
Description  0.635mm (.025") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical Stacking9.00 and 15.00mm (.354 and .591") Stacking Heights, Lead-free, 100 Circuits, withEmbossed Tape with Cover Packaging
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53649-1074 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  53649-1074 Datasheet HTML 1Page - Molex Electronics Ltd. 53649-1074 Datasheet HTML 2Page - Molex Electronics Ltd. 53649-1074 Datasheet HTML 3Page - Molex Electronics Ltd. 53649-1074 Datasheet HTML 4Page - Molex Electronics Ltd. 53649-1074 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0536491074
Status:
Active
Overview:
slimstack_0635mm_025_pitch
Description:
0.635mm (.025") Pitch SlimStack™ Plug, Surface Mount, Dual Row, Vertical Stacking,
9.00 and 15.00mm (.354 and .591") Stacking Heights, Lead-free, 100 Circuits, with
Embossed Tape with Cover Packaging
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
53649
Application
Board-to-Board
Comments
Stacking-Type
Overview
slimstack_0635mm_025_pitch
Product Name
SlimStack™
Physical
Breakaway
No
Circuits (Loaded)
100
Circuits (maximum)
100
Color - Resin
Natural
Durability (mating cycles max)
50
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Mated Height (in)
0.354 In, 0.591 In
Mated Height (mm)
15.00 mm, 9.00 mm
Material - Metal
Brass, Phosphor Bronze, Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.025 In
Pitch - Mating Interface (mm)
0.64 mm
Plating min: Mating (µin)
10
Plating min: Mating (µm)
0.25
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2
Polarized to PCB
Yes
Robotic Placement
Metal Cap
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53649Series
Mates With
SlimStack™ Receptacle 52760 , 52837 ,
52885 , 52901


Similar Part No. - 53649-1074

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53649-0474 MOLEX7-53649-0474 Datasheet
372Kb / 6P
   0.635mm (.025") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical Stacking 9.00 and 15.00mm (.354 and .591") Stacking Heights, Lead-free, 40 Circuits, withEmbossed Tape with Cover Packaging
53649-0674 MOLEX7-53649-0674 Datasheet
251Kb / 5P
   0.635mm (.025") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical Stacking9.00 and 15.00mm (.354 and .591") Stacking Heights, Lead-free, 60 Circuits, withEmbossed Tape with Cover Packaging
53649-0874 MOLEX7-53649-0874 Datasheet
372Kb / 6P
   0.635mm (.025") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical Stacking9.00 and 15.00mm (.354 and .591") Stacking Heights, Lead-free, 80 Circuits, withEmbossed Tape with Cover Packaging
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com