Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB2511B Datasheet(PDF) 9 Page - Samsung semiconductor

Part # KB2511B
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2511B Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KB2511B Datasheet HTML 5Page - Samsung semiconductor KB2511B Datasheet HTML 6Page - Samsung semiconductor KB2511B Datasheet HTML 7Page - Samsung semiconductor KB2511B Datasheet HTML 8Page - Samsung semiconductor KB2511B Datasheet HTML 9Page - Samsung semiconductor KB2511B Datasheet HTML 10Page - Samsung semiconductor KB2511B Datasheet HTML 11Page - Samsung semiconductor KB2511B Datasheet HTML 12Page - Samsung semiconductor KB2511B Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2511B01
9
I2C BUS Timing Requirement
ELECTRICAL CHARACTERISTICS
( VDD = 5V, Tamb = 25 °C)
HORIZONTAL SECTION
OPERATING CONDITIONS
Table 6. I2C Read/Write Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
I2C PROCESSOR
Maximum clock frequency
Fscl
Pin 30
400
kHz
Low period of the SCL clock
Tlow
Pin 30
1.3
µs
High period of the SCL clock
Thigh
Pin 30
0.6
µs
SDA and SCL input threshold
Vinth
Pin 30, 31
2.2
V
Acknowledge output voltage on SDA input with
3mA
VACK
Pin 31
0.4
V
Table 7. Horizontal Section Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VCO
Minimum oscillator resistor
R0(Min.)
Pin 6
6
K
Minimum oscillator capacitor
C0(Min.)
Pin 5
390
pF
Maximum oscillator frequency
F(Max.)
150
kHz
OUTPUT SECTION
Maximum input peak current
I12m
Pin 12
5
mA
Horizontal drive output maximum
current
HOI
Pin26, sunk current
30
mA
tBUF
Start:Clock High
Stop:Clock High
SDA
SCL
tLOW
tHDS
tSUPDAT
Data Change:Clock Low
tSUP
tHDAT
tHIGH


Similar Part No. - KB2511B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results

Similar Description - KB2511B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2147A01 SAMSUNG-S1D2147A01 Datasheet
132Kb / 14P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
   LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
   LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com