Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0528851274 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0528851274
Description  0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 120 Circuits, Lead-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0528851274 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0528851274 Datasheet HTML 1Page - Molex Electronics Ltd. 0528851274 Datasheet HTML 2Page - Molex Electronics Ltd. 0528851274 Datasheet HTML 3Page - Molex Electronics Ltd. 0528851274 Datasheet HTML 4Page - Molex Electronics Ltd. 0528851274 Datasheet HTML 5Page - Molex Electronics Ltd. 0528851274 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


Similar Part No. - 0528851274

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0528851074 MOLEX7-0528851074 Datasheet
505Kb / 6P
   0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 100 Circuits, Lead-free
0528851474 MOLEX7-0528851474 Datasheet
505Kb / 6P
   0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 140 Circuits, Lead-free
0528851674 MOLEX7-0528851674 Datasheet
505Kb / 6P
   0.635mm (.025") Pitch SlimStack??Receptacle, Surface Mount, Dual Row, VerticalStacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape withCover Packaging, 160 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com