Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A2402C01-D0B0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1A2402C01-D0B0
Description  DC MOTOR SPEED CONTROLLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A2402C01-D0B0 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1A2402C01-D0B0 Datasheet HTML 1Page - Samsung semiconductor S1A2402C01-D0B0 Datasheet HTML 2Page - Samsung semiconductor S1A2402C01-D0B0 Datasheet HTML 3Page - Samsung semiconductor S1A2402C01-D0B0 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC MOTOR SPEED CONTROLLER
S1A2402C01
1
INTRODUCTION
The S1A2402C01 is a Controller for speed control, or a gen-
eral-purpose low-voltage compact DC motor for micro-cassette
tape recorders, radio cassettes and their equivalents.
FEATURES
Operating supply voltage range:
VCC=1.8V − 8V
Compact applicable set due to a minimum of external parts
Easy speed adjustments
Built-in stable low voltage reference:
VREF = 0.2 V
ORDERING INFORMATION
BLOCK DIAGRAM
Device
Package
Operating Temperature
S1A2402C01-D0B0
8
−DIP−300
−20°C − + 80°C
8
−DIP−300
1
2
3
4
8
7
6
5
CONTROL
N.C
VS
GND
N.C
N.C
VCC
OUT
CURRENT
MIRROR
COMPARATOR
REFERENCE
VOLTAGE
START
CIRCUIT


Similar Part No. - S1A2402C01-D0B0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1A24000 ETC-S1A24000 Datasheet
58Kb / 2P
   SIP REED RELAY
logo
COSMO Electronics Corp...
S1A240000 COSMO-S1A240000 Datasheet
212Kb / 2P
   S1A240000
logo
Picker Components
S1A240000 PICKER-S1A240000 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
logo
List of Unclassifed Man...
S1A240D0 ETC-S1A240D0 Datasheet
58Kb / 2P
   SIP REED RELAY
logo
Picker Components
S1A240D00 PICKER-S1A240D00 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
More results

Similar Description - S1A2402C01-D0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2404 SAMSUNG-KA2404 Datasheet
148Kb / 6P
   DC MOTOR SPEED CONTROLLER
KA2401 SAMSUNG-KA2401 Datasheet
185Kb / 5P
   DC MOTOR SPEED CONTROLLER
KA2402 SAMSUNG-KA2402 Datasheet
59Kb / 4P
   DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LC7991 SANYO-LC7991 Datasheet
176Kb / 7P
   Constant-Speed DC Motor Controller
LC7991M SANYO-LC7991M Datasheet
178Kb / 7P
   Constant-Speed DC Motor Controller?
LA5512 SANYO-LA5512 Datasheet
39Kb / 1P
   COMPACT DC MOTOR SPEED CONTROLLER
LA5528N SANYO-LA5528N Datasheet
69Kb / 3P
   Low-Voltage DC Motor Speed Controller?
LA5527 SANYO-LA5527 Datasheet
58Kb / 3P
   Low-Voltage DC Motor Speed Controller
logo
STMicroelectronics
TDA7274 STMICROELECTRONICS-TDA7274 Datasheet
108Kb / 10P
   LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5523 SANYO-LA5523 Datasheet
52Kb / 1P
   LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com