Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A2297X01-S0B0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S1A2297X01-S0B0
Description  AM/FM TUNER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A2297X01-S0B0 Datasheet(HTML) 6 Page - Samsung semiconductor

  S1A2297X01-S0B0 Datasheet HTML 1Page - Samsung semiconductor S1A2297X01-S0B0 Datasheet HTML 2Page - Samsung semiconductor S1A2297X01-S0B0 Datasheet HTML 3Page - Samsung semiconductor S1A2297X01-S0B0 Datasheet HTML 4Page - Samsung semiconductor S1A2297X01-S0B0 Datasheet HTML 5Page - Samsung semiconductor S1A2297X01-S0B0 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
S1A2297X01
AM/FM TUNER
6
APPLICATION CIRCUIT
S1A2297X01
1
2
3
4
7
12
11
10
9
8
5
6
14
13
16
15
2.2
µF
Vcc(3V)
15pF
FM
AM
FM ANT
BPF
3.3
µF
DET OUT
*CDA 10.7MG 91-A (MURATA)


Similar Part No. - S1A2297X01-S0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A2298A01 SAMSUNG-S1A2298A01 Datasheet
172Kb / 10P
   AM/FM TUNER MPX
S1A2298A01-A0B0 SAMSUNG-S1A2298A01-A0B0 Datasheet
172Kb / 10P
   AM/FM TUNER MPX
More results

Similar Description - S1A2297X01-S0B0

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
   AM/FM Tuner
logo
Samsung semiconductor
KA2297-D SAMSUNG-KA2297-D Datasheet
157Kb / 6P
   AM/FM TUNER
KA22900-D SAMSUNG-KA22900-D Datasheet
242Kb / 10P
   AM/FM TUNER MPX
S1A0902X01 SAMSUNG-S1A0902X01 Datasheet
263Kb / 20P
   AM/FM TUNER MPX
KA2295-Q SAMSUNG-KA2295-Q Datasheet
247Kb / 8P
   AM/FM TUNER MPX
logo
Microtune,Inc
MT145X MICROTUNE-MT145X Datasheet
143Kb / 2P
   AM/FM TUNER MODULES
logo
Samsung semiconductor
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
KB22902 SAMSUNG-KB22902 Datasheet
122Kb / 6P
   AM/FM TUNER MPX
S1A0900X01 SAMSUNG-S1A0900X01 Datasheet
197Kb / 10P
   AM/FM TUNER MPX
S1A2298A01 SAMSUNG-S1A2298A01 Datasheet
172Kb / 10P
   AM/FM TUNER MPX
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com