Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5329-00371 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 5329-00371
Description  2.00mm (.079") Pitch Board-to-Board Header, Vertical, Single Row, 0.50mm (.020")Square Pin, with Friction Lock, Lead-free, 3 Circuits, without Kinked PC Tails, TubePackage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

5329-00371 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  5329-00371 Datasheet HTML 1Page - Molex Electronics Ltd. 5329-00371 Datasheet HTML 2Page - Molex Electronics Ltd. 5329-00371 Datasheet HTML 3Page - Molex Electronics Ltd. 5329-00371 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-52418-003, RPS-52418-004
Sales Drawing
SD-53290-006, SD-53290-007
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5329-00371

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53290-028-010 MICROPAC-53290-028-010 Datasheet
244Kb / 9P
   28V DC INDUSTRIAL POWER CONTROLLER (IPC)
logo
Molex Electronics Ltd.
53290-0380 MOLEX7-53290-0380 Datasheet
155Kb / 4P
   2.00mm (.079") Pitch Board-to-Board Header, Vertical, Single Row, 0.50mm (.020")Square Pin, with Friction Lock, Lead-free, 3 Circuits, with Kinked PC Tails
53290-0480 MOLEX7-53290-0480 Datasheet
155Kb / 4P
   2.00mm (.079") Pitch Board-to-Board Header, Vertical, Single Row, 0.50mm (.020")Square Pin, with Friction Lock, Lead-free, 4 Circuits, with Kinked PC Tails
53290-0571 MOLEX7-53290-0571 Datasheet
163Kb / 4P
   2.00mm (.079") Pitch Board-to-Board Header, Vertical, Single Row, 0.50mm (.020") Square Pin, with Friction Lock, Lead-free, 5 Circuits, without Kinked PC Tails, TubePackage
53290-0671 MOLEX7-53290-0671 Datasheet
163Kb / 4P
   2.00mm (.079") Pitch Board-to-Board Header, Vertical, Single Row, 0.50mm (.020") Square Pin, with Friction Lock, Lead-free, 6 Circuits, without Kinked PC Tails, Tube Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com