Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A2221A02 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S1A2221A02
Description  DUAL LOW NOISE EQUALIZER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A2221A02 Datasheet(HTML) 5 Page - Samsung semiconductor

  S1A2221A02 Datasheet HTML 1Page - Samsung semiconductor S1A2221A02 Datasheet HTML 2Page - Samsung semiconductor S1A2221A02 Datasheet HTML 3Page - Samsung semiconductor S1A2221A02 Datasheet HTML 4Page - Samsung semiconductor S1A2221A02 Datasheet HTML 5Page - Samsung semiconductor S1A2221A02 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DUAL LOW NOISE EQUALIZER AMPLIFIER
S1A2221A02
5
APPLICATION CIRCUIT
S1A1222X
1
8
5
7
+
6
4
2
3
+
+
+
+
+
L-CH
R/P Head
Vcc
47
470
µ/10V
120K
0.018
µ
47K
0.018
µ
47K
1
µ/50V
1
µ/50V
6.8K
3300p
6.8K
3300p
power
power
1
µ/50V
1
µ/50V
SW (PLAY/REC): PLAY
56K
56K
47
µ/10V
68
120K
47
µ/10V
68
2200p
2200p
R/P Head
R-CH
10
µ/25V
10
µ/25V
200K


Similar Part No. - S1A2221A02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
   Dual equalizer amplifier with a built-in ALC circuit
S1A2224A01-D0B0 SAMSUNG-S1A2224A01-D0B0 Datasheet
178Kb / 8P
   Dual equalizer amplifier with a built-in ALC circuit
More results

Similar Description - S1A2221A02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2221 SAMSUNG-KA2221 Datasheet
134Kb / 4P
   DUAL LOW NOISE EQUALIZER AMPLIFIER
KA1222 SAMSUNG-KA1222 Datasheet
162Kb / 4P
   DUAL LOW NOISE EQUALIZER AMPLIFIER
logo
Wuxi Youda electronics ...
YD3161 YOUDA-YD3161 Datasheet
73Kb / 3P
   DUAL EQUALIZER AMPLIFIER
logo
Elantec Semiconductor
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228 INTERSIL-EL2228 Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
EL2228 INTERSIL-EL2228_07 Datasheet
501Kb / 12P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228 RENESAS-EL2228 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
logo
Wuxi Youda electronics ...
YD22241 YOUDA-YD22241 Datasheet
83Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Unisonic Technologies
UTCKA22241 UTC-UTCKA22241 Datasheet
37Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com