Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A0688C01 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S1A0688C01
Description  TV SOUND MPX FOR TWO CARRIER SYSTEM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0688C01 Datasheet(HTML) 5 Page - Samsung semiconductor

  S1A0688C01 Datasheet HTML 1Page - Samsung semiconductor S1A0688C01 Datasheet HTML 2Page - Samsung semiconductor S1A0688C01 Datasheet HTML 3Page - Samsung semiconductor S1A0688C01 Datasheet HTML 4Page - Samsung semiconductor S1A0688C01 Datasheet HTML 5Page - Samsung semiconductor S1A0688C01 Datasheet HTML 6Page - Samsung semiconductor S1A0688C01 Datasheet HTML 7Page - Samsung semiconductor S1A0688C01 Datasheet HTML 8Page - Samsung semiconductor S1A0688C01 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TV SOUND MPX FOR TWO CARRIER SYSTEM
S1A0688C01
5
ELECTRICAL CHARACTERISTICS
DC Electrical Characteristics
(Ta = 25
°C, VCC = VDD = 5V, fm = 1kHz, V
I = 80dBµ, ∆f = ± 25kHz, unless otherwise specified)
* : Pilot signal FM deviation is
± 2.5kHz after 50% AM modulation.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
ICC
Vi = 0
35
60
85
mA
IDD
Vi = 0
2.0
mA
SIF
Input Limiting Voltage
Vlim
50
dB
µ
AM Rejection Ratio
AMRR
AM 30% Mod
40
55
dB
Input Impedance
Zin
1
Kohm
PILOT
*
Pilot Input Sensitivity
Vps
50
dB
µ
ID ON time
Ton
MONO
→ ST, BI
1.0
1.5
SEC
ID OFF time
Toff
ST, BI
→ MONO
0.3
SEC
Output level
Vo
320
420
520
mVrms
Matrix
Matrix THD
THDm1
0.2
1.0
%
THDm2
∆ f = ± 100kHz
0.5
5.0
%
Noise Output (RF off)
Voff
Carrier OFF
400
mVrms
Output Impedance
Zout
50
ohm
Separation Ratio
SEPtyp
non-adjust
25
dB
SEPadj
IIC Bus adjust
40
45
dB
Cross Talk
CT
∆ f = ± 25kHz
50
55
dB
Matrix S/N Ratio
S/N
∆ f = ± 25kHz
55
60
dB
S/N(st)
∆ f = ± 25kHz (ST)
50
55
dB
MUTE Attenuation
Ratio
Amute
∆ f = ± 25kHz
−66
−55
dB


Similar Part No. - S1A0688C01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0067X01 SAMSUNG-S1A0067X01 Datasheet
61Kb / 6P
   4.6W AUDIO POWER AMP
S1A0067X01-X0BO SAMSUNG-S1A0067X01-X0BO Datasheet
61Kb / 6P
   4.6W AUDIO POWER AMP
S1A0136A01 SAMSUNG-S1A0136A01 Datasheet
124Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
S1A0136A01-A0B0 SAMSUNG-S1A0136A01-A0B0 Datasheet
124Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
S1A0136A01-S0B0 SAMSUNG-S1A0136A01-S0B0 Datasheet
124Kb / 6P
   DUAL PRE-POWER AMP WITH VOLUME CONTROLLER
More results

Similar Description - S1A0688C01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB22688E SAMSUNG-KB22688E Datasheet
297Kb / 20P
   TV SOUND MPX FOR TWO CARRIER SYSTEM (INTRODUCTION)
KA2102A SAMSUNG-KA2102A Datasheet
148Kb / 4P
   TV SOUND SYSTEM
logo
List of Unclassifed Man...
AN5825 ETC1-AN5825 Datasheet
282Kb / 4P
   TV MULTIPLEX SOUND SYSTEM DEMODULATOR
logo
NTE Electronics
NTE826 NTE-NTE826 Datasheet
20Kb / 2P
   Integrated Circuit TV Sound System, 2W
NTE1236 NTE-NTE1236 Datasheet
80Kb / 3P
   Integrated Circuit TV Sound IF System
logo
Toshiba Semiconductor
TA1230Z TOSHIBA-TA1230Z Datasheet
490Kb / 12P
   TV SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR EIAJ SYSTEM
logo
Mitsubishi Electric Sem...
M62434FP MITSUBISHI-M62434FP Datasheet
65Kb / 13P
   SOUND CONTROLLER FOR TV
M62420SP MITSUBISHI-M62420SP Datasheet
94Kb / 16P
   SOUND CONTROLLER FOR TV
M62494SP MITSUBISHI-M62494SP Datasheet
77Kb / 7P
   SOUND CONTROLLER FOR TV
logo
Rohm
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com