Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A0426C02 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S1A0426C02
Description  AM/FM 1 CHIP RADIO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0426C02 Datasheet(HTML) 3 Page - Samsung semiconductor

  S1A0426C02 Datasheet HTML 1Page - Samsung semiconductor S1A0426C02 Datasheet HTML 2Page - Samsung semiconductor S1A0426C02 Datasheet HTML 3Page - Samsung semiconductor S1A0426C02 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AM/FM 1 CHIP RADIO
S1A0426C02
3
ELECTRICAL CHARACTERISTICS
(VCC = 6 V, Ta = 25 °C, FM; ∆f = 22.5 kHz, fm = 1 kHz, AM; 30% Mod, unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min.
Typ. Max.
Unit
FM
Quiescent Circuit Current
ICCQ(1)
VI = 0
7.0
14.0
mA
F/E Voltage Gain
GV(1)
VI(1) = 40dBµ, fc = 100MHz, ∆f = 0
32
39
46
dB
µ
Detect Output Gain
VO(1)
VI(3) = 90dBµ, fi = 10.7MHz
−26
−20
−14 dBm
IF-3 dB Sensitivity
VI (LIM)
Vo(VI3) = 90dB
µ, −3dB, fi = 10.7MHz
24
32
dB
Total Harmonic Distortion
THD1
VI(3) = 90dBµ, fi = 10.7MHz
(
∆f = 75kHz)
0.3
2.0
%
Meter Drive Current
IM (1)
VI(3) = 60dBµ , fi = 10.7MHz
1.8
3.5
7.0
mA
AM
Quiescent Circuit Current
ICCQ(2)
VI = 0
3.5
10.0
mA
F/E Voltage Gain
GV(2)
VI(2) = 60dBµ, fc = 1660kHz, m = 0%
15
22
29
dB
IF Voltage Gain
GV(3)
Vo(3) =
−34dBm, fi = 455kHz
14
20
27
dB
µ
AM Detect Output Voltage
VO(2)
VI(3) = 85dBµ, fi = 455kHz
−26
−20
−14 dBm
Total Harmonic Distortion
THD2
VI(2) = 95dBµ, fc = 1660kHz, Vcc = 7.8V
0.6
2.0
%
Meter Drive Current
IM(2)
VI(3) = 85dBµ, fi = 455kHz
1.3
3.0
7.0
mA
AF
Closed Loop Voltage Gain
GV(4)
Vo(4) = 0dBm, f = 1kHz
27
31.5
36
dB
Total Harmonic Distortion
THD3
Po = 50mW, f = 1kHz
0.3
2.5
%
Output Power
PO
RL = 8Ω, THD = 10%, f = 1kHz
0.4
0.5
W
Mute Level
ML
Po = mW, Vi(4) = 30dBm
1kHz, V1(3) = FF
8
15
22
dB


Similar Part No. - S1A0426C02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0426C01 SAMSUNG-S1A0426C01 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C01-A0B0 SAMSUNG-S1A0426C01-A0B0 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C01-S0B0 SAMSUNG-S1A0426C01-S0B0 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
More results

Similar Description - S1A0426C02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA22426 SAMSUNG-KA22426 Datasheet
113Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C01 SAMSUNG-S1A0426C01 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
KA22426D SAMSUNG-KA22426D Datasheet
112Kb / 4P
   AM/FM 1 CHIP RADIO
KA22427B SAMSUNG-KA22427B Datasheet
275Kb / 9P
   AM/FM 1-CHIP RADIO
KA22425D SAMSUNG-KA22425D Datasheet
113Kb / 4P
   AM/FM 1 CHIP RADIO
logo
List of Unclassifed Man...
CD7613 ETC1-CD7613 Datasheet
202Kb / 8P
   AM/FM 1 CHIP RADIO
logo
Samsung semiconductor
S1A0427B01 SAMSUNG-S1A0427B01 Datasheet
305Kb / 14P
   AM/FM 1 CHIP RADIO
logo
Hangzhou Youwang Electr...
UTC7613AP YOUWANG-UTC7613AP Datasheet
98Kb / 5P
   AM/FM 1 CHIP RADIO
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
   FM/AM SINGLE CHIP RADIO
logo
Sanyo Semicon Device
LA1800 SANYO-LA1800 Datasheet
577Kb / 8P
   FM/AM Single-Chip Radio
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com