Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52030-0629 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 52030-0629
Description  1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 6Circuits, Lead-free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

52030-0629 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  52030-0629 Datasheet HTML 1Page - Molex Electronics Ltd. 52030-0629 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0520300629
Status:
Active
Overview:
Description:
1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 6
Circuits, Lead-free
General
Product Family
FFC/FPC Connectors
Series
52030
Overview
ffc_fpc_throughhole
Product Name
N/A
Physical
Circuits (Loaded)
6
Contact Position
N/A
Durability (mating cycles max)
30
Entry Angle
Vertical
Mated Height (in)
0.205 In
Mated Height (mm)
5.20 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin-Bismuth
Material - Plating Termination
Tin-Bismuth
Material - Resin
Nylon, Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.126 In
PC Tail Length (mm)
3.20 mm
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Polarized to PCB
No
Stackable
No
Temperature Range - Operating
-20°C to +80°C
Termination Interface: Style
Through Hole
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-52030-001
Product Specification
PS-52030-004, RPS-52030-003, RPS-52030-004,
RPS-52030-005, RPS-52030-006, RPS-52030-017,
RPS-52030-018, RPS-52030-019, RPS-52030-020,
RPS-52030-021, RPS-52030-022, RPS-52030-023
Sales Drawing
SD-52030-017
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52030Series
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 52030-0629

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52030-0429 MOLEX7-52030-0429 Datasheet
137Kb / 2P
   1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 4 Circuits, Lead-free
52030-0529 MOLEX7-52030-0529 Datasheet
137Kb / 2P
   1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 5Circuits, Lead-free
52030-0729 MOLEX7-52030-0729 Datasheet
137Kb / 2P
   1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 7Circuits, Lead-free
52030-0829 MOLEX7-52030-0829 Datasheet
137Kb / 2P
   1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 8Circuits, Lead-free
52030-0929 MOLEX7-52030-0929 Datasheet
193Kb / 3P
   1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 9Circuits, Lead-free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com