Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0503263504 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0503263504
Description  Spade Tongue Terminal for 14 and 16 AWG, Closed Insulated Vinyl Flared BarrelBlue, Stud Size 5 (M3), Oxygen-Free Copper, Length 20.30mm (.799")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0503263504 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0503263504 Datasheet HTML 1Page - Molex Electronics Ltd. 0503263504 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0503263504
Status:
Active
Description:
Spade Tongue Terminal for 14 and 16 AWG, Closed Insulated Vinyl Flared Barrel,
Blue, Stud Size 5 (M3), Oxygen-Free Copper, Length 20.30mm (.799")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-50325-002 (PDF)
General
Product Family
Ring and Spade Terminals
Series
50326
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
VFY (Spade Vinyl Flared)
Type
Spade
Physical
Barrel Type
Closed - Brazed
Color - Resin
Blue
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
5 (M3)
Wire Size AWG
14, 16
Wire Size mm²
1.04 - 2.63
Material Info
Reference - Drawing Numbers
Product Specification
PS-50325-002
Sales Drawing
SD-50326-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
50326Series
This document was generated on 03/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0503263504

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0503227112 MOLEX7-0503227112 Datasheet
156Kb / 3P
   Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size5 (M3), Oxygen-Free Copper, Length 15.00mm (.591")
0503227212 MOLEX7-0503227212 Datasheet
156Kb / 3P
   Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size(M3), Oxygen-Free Copper, Length 16.00mm (.630")
0503227312 MOLEX7-0503227312 Datasheet
156Kb / 3P
   Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size6 (M3.5), Oxygen-Free Copper, Length 15.00mm (.591
0503227612 MOLEX7-0503227612 Datasheet
156Kb / 3P
   Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size8 (M4), Oxygen-Free Copper, Length 16.40mm (.646"), Width 7.00mm (.276")
0503227812 MOLEX7-0503227812 Datasheet
156Kb / 3P
   Spade Tongue Terminal for 16-22 AWG, Closed Uninsulated Brazed Barrel, Stud Size10 (M5), Oxygen-Free Copper, Length 16.40mm (.646")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com