Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53309-1870 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 53309-1870
Description  0.80mm (.031") Pitch Board-to-Board Header, Surface Mount, Dual Row, Right AngleLead-free, 18 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53309-1870 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  53309-1870 Datasheet HTML 1Page - Molex Electronics Ltd. 53309-1870 Datasheet HTML 2Page - Molex Electronics Ltd. 53309-1870 Datasheet HTML 3Page - Molex Electronics Ltd. 53309-1870 Datasheet HTML 4Page - Molex Electronics Ltd. 53309-1870 Datasheet HTML 5Page - Molex Electronics Ltd. 53309-1870 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0533091870
Status:
Active
Description:
0.80mm (.031") Pitch Board-to-Board Header, Surface Mount, Dual Row, Right Angle,
Lead-free, 18 Circuits
Documents:
3D Model
Product Specification PS-52588-031 (PDF)
Drawing (PDF)
Product Specification PS-52588-032 (PDF)
Product Specification PS-52465-014 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
53309
Application
Board-to-Board
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
18
Circuits (maximum)
18
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.222 In, 0.262 In
Mated Height (mm)
5.65 mm, 6.65 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.016 In, 0.020 In
PC Tail Length (mm)
0.40 mm, 0.50 mm
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-20°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53309Series
Mates With
Board-to-Board Receptacle 52465 , 52588


Similar Part No. - 53309-1870

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53309-1070 MOLEX7-53309-1070 Datasheet
402Kb / 6P
   0.80mm (.031") Pitch Board-to-Board Header, Surface Mount, Dual Row, Right AngleLead-free, 10 Circuits
53309-1270 MOLEX7-53309-1270 Datasheet
402Kb / 6P
   0.80mm (.031") Pitch Board-to-Board Header, Surface Mount, Dual Row, Right AngleLead-free, 12 Circuits
53309-1470 MOLEX-53309-1470 Datasheet
41Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
53309-1670 MOLEX7-53309-1670 Datasheet
402Kb / 6P
   0.80mm (.031") Pitch Board-to-Board Header, Surface Mount, Dual Row, Right AngleLead-free, 16 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com