Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0502128000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0502128000
Description  2.00mm (.079") Pitch Crimp Terminal, Female, 24-30 AWG, Reel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0502128000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0502128000 Datasheet HTML 1Page - Molex Electronics Ltd. 0502128000 Datasheet HTML 2Page - Molex Electronics Ltd. 0502128000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0502128000
Status:
Active
Overview:
microlatch
Description:
2.00mm (.079") Pitch Crimp Terminal, Female, 24-30 AWG, Reel
Documents:
3D Model
Product Specification PS-51090-018 (PDF)
Drawing (PDF)
Product Specification PS-51160-001 (PDF)
Product Specification PS-35507-002 (PDF)
Product Specification PS-51160-006 (PDF)
Product Specification PS-51065-005 (PDF)
Product Specification PS-51225-003 (PDF)
Product Specification PS-51065-016 (PDF)
Product Specification PS-52968-006 (PDF)
Product Specification PS-51065-017 (PDF)
Product Specification PS-52968-007 (PDF)
Product Specification PS-51065-018 (PDF)
Product Specification PS-53358-001 (PDF)
Product Specification PS-51089-001 (PDF)
Product Specification PS-53717-002 (PDF)
Product Specification PS-51089-005 (PDF)
Product Specification PS-54111-001 (PDF)
Product Specification PS-51090-003 (PDF)
Product Specification PS-54111-002 (PDF)
Product Specification PS-51090-004 (PDF)
Product Specification PS-54214-001 (PDF)
Product Specification PS-51090-005 (PDF)
Product Specification PS-54452-006 (PDF)
Product Specification PS-51090-007 (PDF)
Product Specification PS-54452-007 (PDF)
Product Specification PS-51090-009 (PDF)
Product Specification PS-55533-003 (PDF)
Product Specification PS-51090-016 (PDF)
Product Specification PS-55533-004 (PDF)
Product Specification PS-51090-017 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
50212
Crimp Quality Equipment
Yes
Overview
microlatch
Product Name
Mi II™, Micro-Latch™, Sherlock™
Physical
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.40mm (.055") max.
Wire Size AWG
24, 26, 28, 30
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-50212-001
Product Specification
PS-35507-002, PS-51065-005, PS-51065-016,
PS-51065-017, PS-51065-018, PS-51089-001,
PS-51089-005, PS-51090-003, PS-51090-004,
PS-51090-005, PS-51090-007, PS-51090-009,
PS-51090-016, PS-51090-017, PS-51090-018,
PS-51160-001, PS-51160-006, PS-51225-003,
PS-52968-006, PS-52968-007, PS-53358-001,
PS-53717-002, PS-54111-001, PS-54111-002,
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
50212Series
Use With
51090 , 51089 Mi II™ Housing . 51065
Micro-Latch™ Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
for 2.00mm (.079")
Pitch Terminal, 24-30
AWG
0638190500
FineAdjust™
Applicator for
2.00mm (.079") Pitch
Wire-to-Board Crimp
0639005200


Similar Part No. - 0502128000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0502128100 MOLEX7-0502128100 Datasheet
98Kb / 3P
   2.00mm (.079") Pitch Crimp Terminal, Female, 24-30 AWG, Bag
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com