Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54596-0310 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 54596-0310
Description  MINI MI2. ASSY - SN
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54596-0310 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  54596-0310 Datasheet HTML 1Page - Molex Electronics Ltd. 54596-0310 Datasheet HTML 2Page - Molex Electronics Ltd. 54596-0310 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0545960310
Status:
Active
Description:
MINI MI2. ASSY - SN
Documents:
3D Model
Product Specification PS-54596-022 (PDF)
Drawing (PDF)
Product Specification PS-54596-023 (PDF)
Product Specification PS-54596-005 (PDF)
Product Specification PS-54769-004 (PDF)
Product Specification PS-54596-006 (PDF)
Product Specification PS-54769-005 (PDF)
Product Specification PS-54596-007 (PDF)
Product Specification PS-54769-006 (PDF)
Product Specification PS-54596-018 (PDF)
Product Specification PS-55448-001 (PDF)
Product Specification PS-54596-019 (PDF)
Product Specification PS-55482-006 (PDF)
Product Specification PS-54596-020 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-54596-021 (PDF)
General
Product Family
IDT and Solder Connectors
Series
54596
Comments
WB, WW
Crimp Quality Equipment
Yes
Product Name
Mini Mi II™
Physical
Circuits (Loaded)
3
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Plating min: Mating (µin)
36
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
36
Plating min: Termination (µm)
0.90
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
IDT or Pierce
Wire Insulation Diameter
0.80-0.90mm (.031-.035")
Wire Size AWG
26, 28
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
100V
Material Info
Reference - Drawing Numbers
Product Specification
PS-54596-005, PS-54596-006, PS-54596-007,
PS-54596-018, PS-54596-019, PS-54596-020,
PS-54596-021, PS-54596-022, PS-54596-023,
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54596Series
Mates With
55451 , 55447 , 55454 , 55659 , 55456 ,
55482 , 55450
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Japan
Description
Product #
IDT Bench-Top
Terminator for Mini
Mi II™
0578277100
Hand Crimper
0578345000
Fully-Automated IDT
Machine (XELOM-
PLUS)
0578008300


Similar Part No. - 54596-0310

ManufacturerPart #DatasheetDescription
logo
MolexKits
54596-0210 MOLEXKITS-54596-0210 Datasheet
42Kb / 2P
   IDT Panel Mount Adaptor and Receptacle
54596-0210 MOLEXKITS-54596-0210 Datasheet
43Kb / 2P
   IDT SMT Vertical Header and Receptacle
54596-0210 MOLEXKITS-54596-0210 Datasheet
43Kb / 2P
   IDT Through Hole Vertical Header and Receptacle
54596-0210 MOLEXKITS-54596-0210 Datasheet
43Kb / 2P
   IDT SMT Right Angle Header and Receptacle
54596-0210 MOLEXKITS-54596-0210 Datasheet
44Kb / 2P
   IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
More results

Similar Description - 54596-0310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0545960210 MOLEX7-0545960210 Datasheet
117Kb / 3P
   MINI MI2. ASSY - SN
0545961410 MOLEX7-0545961410 Datasheet
117Kb / 3P
   MINI MI2 REC. ASSY (SN)
0545961710 MOLEX7-0545961710 Datasheet
117Kb / 3P
   MINI MI2 REC. ASSY (SN)
0545961010 MOLEX7-0545961010 Datasheet
117Kb / 3P
   MINI MI2 REC. ASSY (SN)
0545960410 MOLEX7-0545960410 Datasheet
117Kb / 3P
   MINI MI2 REC. ASSY (SN)
0545961110 MOLEX7-0545961110 Datasheet
117Kb / 3P
   MINI MI2 REC. ASSY (SN)
0545960910 MOLEX7-0545960910 Datasheet
118Kb / 3P
   MINI MI2 REC. ASSY (SN
0545960810 MOLEX7-0545960810 Datasheet
118Kb / 3P
   MINI MI2 REC. ASSY (SN)
0545961810 MOLEX7-0545961810 Datasheet
117Kb / 3P
   MINI MI2 REC. ASSY (SN)
0545960610 MOLEX7-0545960610 Datasheet
117Kb / 3P
   MINI MI2 REC. ASSY (SN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com