Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0555600207 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0555600207
Description  0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 1.50mm(.059") Stack Height, 20 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0555600207 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0555600207 Datasheet HTML 1Page - Molex Electronics Ltd. 0555600207 Datasheet HTML 2Page - Molex Electronics Ltd. 0555600207 Datasheet HTML 3Page - Molex Electronics Ltd. 0555600207 Datasheet HTML 4Page - Molex Electronics Ltd. 0555600207 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Packaging Specification
SPK-55560-001
Product Specification
PS-54722-009, PS-54722-010, RPS-54037-011,
RPS-54722-017, RPS-54722-018, RPS-54722-019,
RPS-54722-024, RPS-54722-026, RPS-54722-028,
RPS-54722-029, RPS-54722-030, RPS-54722-031,
RPS-54722-034
Sales Drawing
SD-55560-007
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0555600207

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0555600227 MOLEX7-0555600227 Datasheet
241Kb / 5P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 1.50mm(.059") Stack Height, 22 Circuits
0555600228 MOLEX11-0555600228 Datasheet
220Kb / 3P
   0.5 B-TO-B CONN PLUG ASSY (HGT=1.5)
0555600247 MOLEX7-0555600247 Datasheet
242Kb / 5P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 1.50mm(.059") Stack Height, 24 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com