Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54559-3411 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 54559-3411
Description  2.54mm (0.100") Pitch QF-50??Flat Cable Receptacle Housing, 34 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54559-3411 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  54559-3411 Datasheet HTML 1Page - Molex Electronics Ltd. 54559-3411 Datasheet HTML 2Page - Molex Electronics Ltd. 54559-3411 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0545593411
Status:
Active
Description:
2.54mm (0.100") Pitch QF-50™ Flat Cable Receptacle Housing, 34 Circuits
Documents:
3D Model
Product Specification PS-54559-004 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
54559
Component Type
Housing
Glow-Wire Compliant
No
Product Name
QF-50™
Physical
Circuits (Loaded)
34
Color - Resin
Black
Durability (mating cycles max)
500
Entry Angle
90° Angle
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
Polyester
Number of Rows
2
PCB Retention
None
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
12
Plating min: Mating (µm)
0.3
Plating min: Termination (µin)
12
Plating min: Termination (µm)
0.3
Polarized to Mating Part
Yes
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
IDT or Pierce
Wire Insulation Diameter
1.14mm (.045") max.
Wire Size AWG
28
Wire/Cable Type
Ribbon Cable
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-54559-004, RPS-501577-001, RPS-54559-008,
RPS-54559-012, RPS-54559-014, RPS-54559-015
Sales Drawing
SD-54559-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54559Series
Mates With
55401 Vertical Header, 55638 Right Angle
Header
Use With
54561 Strain Relief, 54560 Upper Housing
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Japan
Description
Product #
IDT Hand Tool
Assembly For MIL
Connector
0572525000
IDT Machine For MIL
IDT Connector
0572527000


Similar Part No. - 54559-3411

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54559-3011 MOLEX7-54559-3011 Datasheet
164Kb / 3P
   2.54mm (0.100") Pitch QF-50??Flat Cable Receptacle Housing, 30 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com