Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50858-7212 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 50858-7212
Description  Ring Tongue Terminal for 6 AWG, Closed Uninsulated Brazed Barrel, Stud Size5/8" (M16), Oxygen-Free Copper, Length 49.00mm (1.929")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

50858-7212 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  50858-7212 Datasheet HTML 1Page - Molex Electronics Ltd. 50858-7212 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 50858-7212

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5085 POMONA-5085 Datasheet
22Kb / 1P
   BNC Shorting Cap (M)
logo
Aavid, Thermal Division...
508500B00000 AAVID-508500B00000 Datasheet
73Kb / 2P
   For use with 24 PIN DIP packages
508500B00000G AAVID-508500B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
508500B00000G AAVID-508500B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
logo
Molex Electronics Ltd.
50855-7112 MOLEX7-50855-7112 Datasheet
99Kb / 2P
   Ring Tongue Terminal for 12 AWG, Closed Uninsulated Brazed Barrel, Stud Size 8(M4), Oxygen-Free Copper, Length 17.80mm (.701")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com