Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52117-0243 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 52117-0243
Description  2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing for AVSS 0.3, 2Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

52117-0243 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  52117-0243 Datasheet HTML 1Page - Molex Electronics Ltd. 52117-0243 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0521170243
Status:
Active
Overview:
splash_proof
Description:
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing for AVSS 0.3, 2
Circuits
Documents:
3D Model
Product Specification PS-52117-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
52117
Overview
splash_proof
Product Name
Splash Proof
Physical
Circuits (maximum)
2
Color - Resin
White
Gender
Receptacle
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
3A
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-52117-001
Product Specification
PS-52117-002
Sales Drawing
SD-52117-02**
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52117Series
Mates With
52116
Use With
50039
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 52117-0243

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52117-0240 MOLEX7-52117-0240 Datasheet
149Kb / 3P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing, 2 Circuits
52117-0241 MOLEX7-52117-0241 Datasheet
149Kb / 3P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing, 2 Circuits
52117-0242 MOLEX7-52117-0242 Datasheet
149Kb / 3P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing, 2 Circuits
52117-024X MOLEX-52117-024X Datasheet
216Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com