Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53261-1271 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 53261-1271
Description  1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 12
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53261-1271 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  53261-1271 Datasheet HTML 1Page - Molex Electronics Ltd. 53261-1271 Datasheet HTML 2Page - Molex Electronics Ltd. 53261-1271 Datasheet HTML 3Page - Molex Electronics Ltd. 53261-1271 Datasheet HTML 4Page - Molex Electronics Ltd. 53261-1271 Datasheet HTML 5Page - Molex Electronics Ltd. 53261-1271 Datasheet HTML 6Page - Molex Electronics Ltd. 53261-1271 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image


Similar Part No. - 53261-1271

ManufacturerPart #DatasheetDescription
logo
MolexKits
53261-1071 MOLEXKITS-53261-1071 Datasheet
44Kb / 2P
   Friction Lock Plug and Receptacle and SMT Header
logo
Molex Electronics Ltd.
53261-1071 MOLEX7-53261-1071 Datasheet
436Kb / 7P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 10Circuits
53261-1090 MOLEX-53261-1090 Datasheet
349Kb / 5P
   1.25 W-TO-B CONN. 51021,53261 MATING CROSS SECTION
53261-1171 MOLEX5-53261-1171 Datasheet
36Kb / 3P
   1.25mm Pitch PicoBlade Header, surface mount Right Angle, Lead-Free
53261-1371 MOLEX7-53261-1371 Datasheet
436Kb / 7P
   1.25mm (.049") Pitch PicoBlade??Header, Surface Mount, Right Angle, Lead-free, 13Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com