Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53395-1479 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 53395-1479
Description  1.00mm (.039") Pitch Plug, Surface Mount, Dual Row, Vertical, 8.00mm(.315")/10.00mm (.394") Mating Height, Lead-free, 140 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53395-1479 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  53395-1479 Datasheet HTML 1Page - Molex Electronics Ltd. 53395-1479 Datasheet HTML 2Page - Molex Electronics Ltd. 53395-1479 Datasheet HTML 3Page - Molex Electronics Ltd. 53395-1479 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0533951479
Status:
Active
Description:
1.00mm (.039") Pitch Plug, Surface Mount, Dual Row, Vertical, 8.00mm
(.315")/10.00mm (.394") Mating Height, Lead-free, 140 Circuits
Documents:
3D Model
Product Specification PS-52584-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
53395
Application
Board-to-Board
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
140
Color - Resin
White
Durability (mating cycles max)
50
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Mated Height (in)
0.315 In, 0.394 In
Mated Height (mm)
10.00 mm, 8.00 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.040 In
PCB Thickness Recommended (mm)
1.00 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
100V
Material Info
Reference - Drawing Numbers
Product Specification
PS-52584-003, RPS-52584-010
Sales Drawing
SD-53395-002, SD-53395-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53395Series
Mates With
PCB Receptacle 52584 , 52602


Similar Part No. - 53395-1479

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53395-0279 MOLEX7-53395-0279 Datasheet
186Kb / 4P
   1.00mm (.039") Pitch Plug, Surface Mount, Dual Row, Vertical, 8.00mm (.315") Mating Height, Lead-free, 20 Circuits
53395-3479 MOLEX7-53395-3479 Datasheet
186Kb / 4P
   1.00mm (.039") Pitch Plug, Surface Mount, Dual Row, Vertical, 8.00mm (.315") MatingHeight, Lead-free, 34 Circuits
53395-6679 MOLEX7-53395-6679 Datasheet
186Kb / 4P
   1.00mm (.039") Pitch Plug, Surface Mount, Dual Row, Vertical, 8.00mm (.315") MatingHeight, Lead-free, 66 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com