Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0526102471 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0526102471
Description  1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 24 CircuitsLead-free, High Barrier Packaging
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0526102471 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0526102471 Datasheet HTML 1Page - Molex Electronics Ltd. 0526102471 Datasheet HTML 2Page - Molex Electronics Ltd. 0526102471 Datasheet HTML 3Page - Molex Electronics Ltd. 0526102471 Datasheet HTML 4Page - Molex Electronics Ltd. 0526102471 Datasheet HTML 5Page - Molex Electronics Ltd. 0526102471 Datasheet HTML 6Page - Molex Electronics Ltd. 0526102471 Datasheet HTML 7Page - Molex Electronics Ltd. 0526102471 Datasheet HTML 8Page - Molex Electronics Ltd. 0526102471 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 06/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0526102471
Status:
Active
Overview:
Description:
1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 24 Circuits,
Lead-free, High Barrier Packaging
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
52610
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
24
Contact Position
N/A
Durability (mating cycles max)
30
Entry Angle
Vertical
Flammability
94V-0
Mated Height (in)
0.226 In
Mated Height (mm)
5.75 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin-Bismuth
Material - Plating Termination
Tin-Bismuth
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Polarized to PCB
No
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-52610-001, SPK-52610-003
Product Specification
PS-52610-006, RPS-52610-001, RPS-52610-002,
RPS-52610-004, RPS-52610-026, RPS-52610-027,
RPS-52610-028, RPS-52610-031, RPS-52610-034,
RPS-52610-037, RPS-52610-038, RPS-52610-040,
RPS-52610-041, RPS-52610-043, RPS-52610-044,
RPS-52610-046, RPS-52610-049, RPS-52610-050,
RPS-52610-057, RPS-52610-058, RPS-52610-059,
RPS-52610-062, RPS-52610-065
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52610Series


Similar Part No. - 0526102471

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0526102472 MOLEX7-0526102472 Datasheet
534Kb / 8P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF, Gold (Au) ContactPlating, 24 Circuits, Lead-free, High Barrier Packaging
0526102472 MOLEX-0526102472_V01 Datasheet
33Kb / 2P
   Easy-On FFC/FPC Connector, 1.00mm Pitch, Slider Series, Vertical, 5.75mm Height, 24 Circuits, Gold Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com