Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0532590229 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0532590229
Description  3.50mm (.138") Pitch Header, Right Angle, Lead-free, 2 Circuits, Brass (CuZn) Contact
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0532590229 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0532590229 Datasheet HTML 1Page - Molex Electronics Ltd. 0532590229 Datasheet HTML 2Page - Molex Electronics Ltd. 0532590229 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0532590229
Status:
Active
Description:
3.50mm (.138") Pitch Header, Right Angle, Lead-free, 2 Circuits, Brass (CuZn) Contact
Documents:
3D Model
Product Specification PS-51067-019 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
53259
Application
Wire-to-Board
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.138 In
Pitch - Mating Interface (mm)
3.50 mm
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5.5A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53259Series
Mates With
51067 Crimp Housing. 50217 Crimp
Terminal


Similar Part No. - 0532590229

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0532590329 MOLEX7-0532590329 Datasheet
140Kb / 3P
   3.50mm (.138") Pitch Header, Right Angle, Lead-free, 3 Circuits, Brass (CuZn) Contact
0532590429 MOLEX7-0532590429 Datasheet
140Kb / 3P
   3.50mm (.138") Pitch Header, Right Angle, Lead-free, 4 Circuits, Brass (CuZn) Contact
0532590529 MOLEX7-0532590529 Datasheet
140Kb / 3P
   3.50mm (.138") Pitch Header, Right Angle, Lead-free, 5 Circuits, Brass (CuZn) Contact
0532590629 MOLEX7-0532590629 Datasheet
140Kb / 3P
   3.50mm (.138") Pitch Header, Right Angle, Lead-free, 6 Circuits, Brass (CuZn) Contact
0532590729 MOLEX7-0532590729 Datasheet
140Kb / 3P
   3.50mm (.138") Pitch Header, Right Angle, Lead-free, 7 Circuits, Brass (CuZn) Contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com