Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0673298021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0673298021
Description  Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Single Upright RightAngle, Solder Tail Length 2.00mm (.079"), 3.65mm (.144") Beveled Metal Pins, PCBThickness 1.60mm (.062"), 0.76關m (30關") Gold (Au) Plating, Lead Free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0673298021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0673298021 Datasheet HTML 1Page - Molex Electronics Ltd. 0673298021 Datasheet HTML 2Page - Molex Electronics Ltd. 0673298021 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0673298021
Status:
Active
Description:
Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Single Upright Right
Angle, Solder Tail Length 2.00mm (.079"), 3.65mm (.144") Beveled Metal Pins, PCB
Thickness 1.60mm (.062"), 0.76µm (30µ") Gold (Au) Plating, Lead Free
Documents:
3D Model
Product Specification PS-89485 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
I/O Connectors
Series
67329
Application
Wire-to-Board
Comments
Standard Mount Type|Beveled Metal Pin Length:
3.65mm (.144")
Component Type
Receptacle
Product Name
USB
Type
A
Physical
Boot Color
N/A
Circuits (Loaded)
4
Circuits (maximum)
4
Flammability
94V-0
Gender
Receptacle
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
4
Orientation
Upright
PC Tail Length (in)
0.079 In
PC Tail Length (mm)
2.00 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Pitch - Term. Interface (in)
0.055 In
Pitch - Term. Interface (mm)
1.40 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
Yes
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67329Series
Mates With
USB Type A Plug


Similar Part No. - 0673298021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0673298021 MOLEX1-0673298021 Datasheet
29Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Single Upright Right-Angle, Solder Tail Length 2.00mm, 3.65mm Beveled Metal Pins, PCB Thickness
0673298021 MOLEX1-0673298021_18 Datasheet
29Kb / 2P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Type A Single Upright Right-Angle, Solder Tail Length 2.00mm, 3.65mm Beveled Metal Pins, PCB Thickness
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com