Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

57964-9702 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 57964-9702
Description  1.52mm (.060") OBD-;II Male Terminal for AVS(CAVS) 0.3-0.5
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

57964-9702 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  57964-9702 Datasheet HTML 1Page - Molex Electronics Ltd. 57964-9702 Datasheet HTML 2Page - Molex Electronics Ltd. 57964-9702 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0579649702
Status:
Active
Description:
1.52mm (.060") OBD-;II Male Terminal for AVS(CAVS) 0.3-0.5
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-68503-001 (PDF)
General
Product Family
Crimp Terminals
Series
57964
Crimp Quality Equipment
Yes
Product Name
OBD-II
Physical
Gender
Male
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.40-2.30mm(.055-.091")
Wire Size AWG
N/A
Wire Size mm²
AVS (CAVS) 0.3 TO 0.5
Material Info
Reference - Drawing Numbers
Product Specification
PS-68503-001
Sales Drawing
SD-57964-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
57964Series
Use With
68503-1602
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Fine Adjust
Applicator for
1.52mm (.060")
Female Terminal
0639011200
Hand Crimp
Tool for OBD II
1.52mm (.060")
Crimp Terminal,
0.30-0.50mm2 and
20-22 AWG
0638194700


Similar Part No. - 57964-9702

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
579604B00000G AAVID-579604B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
579604B00000G AAVID-579604B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
579604B03300G AAVID-579604B03300G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
579604B03300G AAVID-579604B03300G Datasheet
8Mb / 116P
   How to Use This Catalog
logo
Tyco Electronics
5796055 MACOM-5796055 Datasheet
212Kb / 2P
   RECEPTACLE ASSEMBLY, RIGHT ANGLE, 68 POS, SHIELDED, CHAMP 0.8MM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com