Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51114-0400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51114-0400
Description  2.00mm (.079
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51114-0400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51114-0400 Datasheet HTML 1Page - Molex Electronics Ltd. 51114-0400 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0511140400
Status:
Active
Description:
3.50mm (.138") Pitch Wire-to-Wire Plug Housing, Positive Lock, With Optional Panel
Mount, 4 Circuits
Documents:
3D Model
Product Specification PS-51067-008 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
51114
Product Name
N/A
Physical
Circuits (maximum)
4
Color - Resin
Natural
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.138 In
Pitch - Mating Interface (mm)
3.50 mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-51067-008, RPS-51067-020
Sales Drawing
SD-51114-**00
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51114Series
Mates With
51067
Use With
50419
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 51114-0400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51114-0410 MOLEX7-51114-0410 Datasheet
91Kb / 2P
   3.50mm (.138") Pitch Wire-to-Wire Plug Housing, Positive Lock, With Optional Panel Mount, 4 Circuits
More results

Similar Description - 51114-0400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0304530800 MOLEX4-0304530800 Datasheet
214Kb / 3P
   2.00mm (.079
0512271500 MOLEX7-0512271500 Datasheet
121Kb / 2P
   2.00mm (.079
0512270300 MOLEX7-0512270300 Datasheet
121Kb / 2P
   2.00mm (.079
0556592639 MOLEX7-0556592639 Datasheet
123Kb / 2P
   2.00mm (.079
0736560001 MOLEX8-0736560001 Datasheet
119Kb / 3P
   2.00mm (.079
0746512512 MOLEX8-0746512512 Datasheet
423Kb / 4P
   2.00mm (.079
0554870219 MOLEX7-0554870219 Datasheet
207Kb / 4P
   2.00mm (.079
0351410300 MOLEX4-0351410300 Datasheet
78Kb / 2P
   2.00mm (.079
0512170205 MOLEX7-0512170205 Datasheet
107Kb / 2P
   2.00mm (.079
04/16/2010
0082244403 MOLEX3-0082244403 Datasheet
233Kb / 4P
   2.00mm (.079
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com