Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56125-0028 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 56125-0028
Description  5.00 and 7.50mm (.197 and .295") Pitch Crimp Terminal 56125, Female, 14-18 AWGLead-Free, Reel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

56125-0028 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  56125-0028 Datasheet HTML 1Page - Molex Electronics Ltd. 56125-0028 Datasheet HTML 2Page - Molex Electronics Ltd. 56125-0028 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0561250028
Status:
Active
Overview:
mtc_multi_terminal_connector
Description:
5.00 and 7.50mm (.197 and .295") Pitch Crimp Terminal 56125, Female, 14-18 AWG,
Lead-Free, Reel
Documents:
Drawing (PDF)
Product Specification PS-51241-005 (PDF)
Product Specification PS-51240-005 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
56125
Crimp Quality Equipment
Yes
Overview
mtc_multi_terminal_connector
Product Name
MTC™
Physical
Gender
Female
Material - Metal
Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
120
Plating min: Mating (µm)
3.00
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.40mm (.134") max., 3.80mm (.150") max.
Wire Size AWG
14, 16, 18
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-51240-005, PS-51241-005, RPS-51240-006,
RPS-51241-007
Sales Drawing
SD-56125-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
56125Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool for
MTC (Multi Terminal
Connector) Female
Terminal, 14-18
AWG
0638138600
Japan
Description
Product #
Side-Feed Applicator
for Full-Auto Machine
0573493200
Extraction Tool
0573496000
This document was generated on 05/19/2010


Similar Part No. - 56125-0028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
56125-0128 MOLEX7-56125-0128 Datasheet
106Kb / 2P
   5.00 and 7.50mm (.197 and .295") Pitch Crimp Terminal 56125, Female, 14-18 AWG,Lead-free, Bag
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com