Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KT8557B Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KT8557B
Description  1 CHIP CODECS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KT8557B Datasheet(HTML) 3 Page - Samsung semiconductor

  KT8557B Datasheet HTML 1Page - Samsung semiconductor KT8557B Datasheet HTML 2Page - Samsung semiconductor KT8557B Datasheet HTML 3Page - Samsung semiconductor KT8557B Datasheet HTML 4Page - Samsung semiconductor KT8557B Datasheet HTML 5Page - Samsung semiconductor KT8557B Datasheet HTML 6Page - Samsung semiconductor KT8557B Datasheet HTML 7Page - Samsung semiconductor KT8557B Datasheet HTML 8Page - Samsung semiconductor KT8557B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KT8554B/7B
1 CHIP CODECS
ELECTRICAL CHARACTERISTICS
(Unless otherwise noted, V
CC = 5.0V ±5%, VBB = - 5.0V ±5%, GNDA = 0V, Ta = 0
oC to 70 oC ; typical characteristics
specified at V
CC = 5.0V, VBB = - 5.0V, Ta = 25
oC ; all signals referenced to GNDA).
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Power
Dissipation
Power-Down Current
I
CC (DOWN)
No Load
0.5
1.5
mA
Power-Down Current
I
BB (DOWN)
No Load
0.05
0.3
mA
Active Current
I
CC (A)
No Load
6.0
9.0
mA
Active Current
I
BB (A)
No Load
6.0
9.0
mA
Digital Interface
Input Low Voltage
V
IL
0.6
V
Input High Voltage
V
IH
2.2
V
Input Low Current
I
IL
GNDA
≤ V
IN≤VIL, all digital inputs
-10
10
µA
Input High Current
I
IH
V
IH ≤ VIN ≤ VCC
-10
10
µA
Output Low Voltage
V
OL
D
X,IL = 3.2mA
SIG
R, IL = 1.0mA
TS
X, IL = 3.2mA,open drain
0.4
0.4
0.4
V
V
V
D
X, IH = -3.2mA
SIG
R, IH = -1.0 mA
2.4
2.4
V
V
Output Current in High Impedance
State (TRI-STATE)
I
O (HZ)
D
X, GNDA ≤ VO
≤ V
CC
-10
10
µA
Analog Interface with Receive Filter
Output Resistance
R
O
Pin VF
RO
1
3
Load Resistance
R
L
VF
RO = ±2.5V
600
Load Capacitance
C
L
500
pF
Output DC Offset Voltage
V
OO (RX)
-200
200
mV
Analog Interface with Transmit input Amplifier
Input Leakage Current
I
LKG
-2.5V
≤V≤+2.5V, VF
XI + or VFXI -
-200
200
nA
Input Resistance
R
I
-2.5V
≤V≤+2.5V, VF
XI + or VFXI -
10
M
Output Resistance
R
O
Closed loop, unity gain
1
3
Load Resistance
R
L
GS
X
10
K
Load Capacitance
C
L
GS
X
50
pF
Output Dynamic Range
V
OD (TX)
GS
X, RL≤10KW
±2.8
V
Voltage Gain
G
V
VF
XI + to GSX
5,000
V/V
Unity Gain Bandwidth
BW
1
2
MHz
Offset Voltage
V
IO (TX)
-20
20
mV
Common-Mode Voltage
V
CM (TX)
CMRRXA > 60dB
-2.5
2.5
V
Common-Mode Rejection Ratio
CMRR
DC Test
60
dB
Power Supply Rejection Ratio
PSRR
DC Test
60
dB
Output High Voltage
V
OH


Similar Part No. - KT8557B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KT8555 SAMSUNG-KT8555 Datasheet
96Kb / 6P
   TIME SLOT ASSIGNMENT CIRCUIT
KT8555J SAMSUNG-KT8555J Datasheet
96Kb / 6P
   TIME SLOT ASSIGNMENT CIRCUIT
More results

Similar Description - KT8557B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3020 NSC-TP3020 Datasheet
335Kb / 8P
   MONOLITHIC CODECS
TP5156A NSC-TP5156A Datasheet
281Kb / 7P
   Monolithic codecs
logo
Maxim Integrated Produc...
MAX1102 MAXIM-MAX1102 Datasheet
860Kb / 16P
   8-Bit CODECs
MAX1102 MAXIM-MAX1102_V01 Datasheet
521Kb / 17P
   8-Bit CODECs
19-1873; Rev 1; 1/11
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
    DUAL-CHANNEL VOICEBAND CODECS
W682510 WINBOND-W682510 Datasheet
1Mb / 35P
   DUAL-CHANNEL VOICEBAND CODECS
logo
Integrated Device Techn...
92HD66B IDT-92HD66B Datasheet
3Mb / 286P
   FOUR CHANNEL HD AUDIO CODECS
92HD66C IDT-92HD66C Datasheet
3Mb / 291P
   SIX CHANNEL HD AUDIO CODECS
logo
TDK Electronics
UAC355XB TDK-UAC355XB Datasheet
989Kb / 48P
   Universal Serial Bus (USB) Codecs
logo
Integrated Device Techn...
92HD65C IDT-92HD65C Datasheet
3Mb / 268P
   SIX CHANNEL HD AUDIO CODECS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com