Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0505359001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0505359001
Description  2.50mm (.098") / 3.00mm (.118") Pitch Wire-to-Board Female Crimp Terminal, 16-18 AWG, Reel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0505359001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0505359001 Datasheet HTML 1Page - Molex Electronics Ltd. 0505359001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0505359001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0505307825 MOLEX7-0505307825 Datasheet
166Kb / 2P
   Butt Splice for 1/0 AWG, Closed Uninsulated Barrel, Oxygen Free Copper, Length 36.00mm (1.417")
0505327225 MOLEX7-0505327225 Datasheet
94Kb / 2P
   Parallel Splice for 14-16 AWG, Closed Uninsulated Barrel, Oxygen Free Copper Length 8.00mm (.315")
0505327325 MOLEX7-0505327325 Datasheet
93Kb / 2P
   Parallel Splice for 10-12 AWG, Closed Uninsulated Barrel, Oxygen Free CopperLength 8.50mm (.335")
0505398000 MOLEX11-0505398000 Datasheet
118Kb / 2P
   3.96 WIRE TO BOARD CONN CRIMP RECEPTACLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com