Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0512812694 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0512812694
Description  0.50mm (.020
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0512812694 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0512812694 Datasheet HTML 1Page - Molex Electronics Ltd. 0512812694 Datasheet HTML 2Page - Molex Electronics Ltd. 0512812694 Datasheet HTML 3Page - Molex Electronics Ltd. 0512812694 Datasheet HTML 4Page - Molex Electronics Ltd. 0512812694 Datasheet HTML 5Page - Molex Electronics Ltd. 0512812694 Datasheet HTML 6Page - Molex Electronics Ltd. 0512812694 Datasheet HTML 7Page - Molex Electronics Ltd. 0512812694 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0512812694
Status:
Active
Overview:
Description:
0.50mm (.020") Pitch FFC/FPC Connector, SMT, Right Angle, Non-ZIF, Dual Contact
Style, 1.20mm (.047") Mated Height, 26 Circuits, Lead-free, Gold (Au) Plating
General
Product Family
FFC/FPC Connectors
Series
51281
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
26
Color - Resin
Natural
Contact Position
Dual
Durability (mating cycles max)
20
Entry Angle
90° Angle
Mated Height (in)
0.047 In
Mated Height (mm)
1.20 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.020 In
PC Tail Length (mm)
0.50 mm
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Plating min: Mating (µin)
4
Plating min: Mating (µm)
0.1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-51281-001
Product Specification
PS-51281-003, RPS-51281-015, RPS-51281-016,
RPS-51281-017, RPS-51281-018
Sales Drawing
SD-51281-011, SD-51281-012
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51281Series


Similar Part No. - 0512812694

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512812094 MOLEX7-0512812094 Datasheet
445Kb / 8P
   0.50mm (.020") Pitch FFC/FPC Connector, SMT, Right Angle, Non-ZIF, Dual Contact Style, 1.20mm (.047") Mated Height, 20 Circuits, Lead-free, Gold (Au) Plating
0512812294 MOLEX7-0512812294 Datasheet
445Kb / 8P
   0.50mm (.020") Pitch FFC/FPC Connector, SMT, Right Angle, Non-ZIF, Dual Contact Style, 1.20mm (.047") Mated Height, 22 Circuits, Lead-free, Gold (Au) Plating
0512812494 MOLEX7-0512812494 Datasheet
445Kb / 8P
   0.50mm (.020") Pitch FFC/FPC Connector, SMT, Right Angle, Non-ZIF, Dual ContactStyle, 1.20mm (.047") Mated Height, 24 Circuits, Lead-free, Gold (Au) Plating
More results

Similar Description - 0512812694

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0538850708 MOLEX7-0538850708 Datasheet
363Kb / 8P
   0.50mm (.020
0533144065 MOLEX7-0533144065 Datasheet
168Kb / 4P
   0.50mm (.020
0472721005 MOLEX6-0472721005 Datasheet
737Kb / 10P
   0.50mm (.020") Pitch DisplayPort* Male Receptacle
logo
Cvilux Corporation
CFXXXH0RA-05-NH CVILUX-CFXXXH0RA-05-NH Datasheet
243Kb / 2P
   0.50mm(.020") ZIF FFC/FPC BACK FLIP CONNECTOR
21.09.16
logo
Molex Electronics Ltd.
5026115521 MOLEX11-5026115521 Datasheet
649Kb / 5P
   0.50mm (.020") Pitch Easy-On??Type FPC Connector
5019513210 MOLEX11-5019513210 Datasheet
303Kb / 6P
   0.50mm (.020") Pitch Easy-On??FFC/FPC Connector
0472710011 MOLEX6-0472710011 Datasheet
420Kb / 7P
   0.50mm (.020") Pitch DisplayPort* Plug Sub-assembly, with Latch
74506 MOLEX-74506 Datasheet
100Kb / 2P
   0.50mm (.020?? Pitch LaneLink??4x and 12x Cable Assemblies
0472711011 MOLEX6-0472711011 Datasheet
420Kb / 7P
   0.50mm (.020") Pitch DisplayPort Plug Sub-assembly, without Latch
0494372411 MOLEX6-0494372411 Datasheet
282Kb / 4P
   0.50mm (.020") Pitch Board-to-Board Shutter I/O Receptacle
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com