Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0557551219 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0557551219
Description  2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, Kinked PC Tail, with Inner Positive Lock, 12 Circuits, Lead-free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0557551219 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0557551219 Datasheet HTML 1Page - Molex Electronics Ltd. 0557551219 Datasheet HTML 2Page - Molex Electronics Ltd. 0557551219 Datasheet HTML 3Page - Molex Electronics Ltd. 0557551219 Datasheet HTML 4Page - Molex Electronics Ltd. 0557551219 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0557551219
Status:
Active
Description:
2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, Kinked PC Tail, with
Inner Positive Lock, 12 Circuits, Lead-free
Documents:
3D Model
Product Specification PS-51216-007 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
55755
Application
Wire-to-Board
Product Name
N/A
Physical
Breakaway
No
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.530 In
Mated Height (mm)
13.45 mm
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
55755Series
Mates With
51216 Wire-to-Board and Wire-to-Wire
Receptacle Housing


Similar Part No. - 0557551219

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0557551019 MOLEX7-0557551019 Datasheet
177Kb / 5P
   2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, Kinked PC Tail, withInner Positive Lock, 10 Circuits, Lead-free
0557551119 MOLEX7-0557551119 Datasheet
177Kb / 5P
   2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, Kinked PC Tail, withInner Positive Lock, 11 Circuits, Lead-free
0557551319 MOLEX7-0557551319 Datasheet
177Kb / 5P
   2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, Kinked PC Tail, with Inner Positive Lock, 13 Circuits, Lead-free
0557551419 MOLEX7-0557551419 Datasheet
177Kb / 5P
   2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, Kinked PC Tail, withInner Positive Lock, 14 Circuits, Lead-free
0557551519 MOLEX7-0557551519 Datasheet
177Kb / 5P
   2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, Kinked PC Tail, withInner Positive Lock, 15 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com