Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0530140910 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0530140910
Description  2.00mm (.079") Pitch MicroBlade??Wire-to-Board Header, Vertical, 9 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0530140910 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0530140910 Datasheet HTML 1Page - Molex Electronics Ltd. 0530140910 Datasheet HTML 2Page - Molex Electronics Ltd. 0530140910 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0530140910
Status:
Active
Description:
2.00mm (.079") Pitch MicroBlade™ Wire-to-Board Header, Vertical, 9 Circuits
Documents:
3D Model
Product Specification PS-51004-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
53014
Application
Wire-to-Board
MolexKits
Yes
Product Name
MicroBlade™
Physical
Breakaway
No
Circuits (Loaded)
9
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53014Series
Mates With
51004 Crimp Housing. 50011 Crimp
Terminal


Similar Part No. - 0530140910

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0530140210 MOLEX7-0530140210 Datasheet
149Kb / 3P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Header, Vertical, 2 Circuits
0530140310 MOLEX7-0530140310 Datasheet
149Kb / 3P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Header, Vertical, 3 Circuits
0530140410 MOLEX7-0530140410 Datasheet
149Kb / 3P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Header, Vertical, 4 Circuits
0530140510 MOLEX7-0530140510 Datasheet
149Kb / 3P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Header, Vertical, 5 Circuits
0530140610 MOLEX7-0530140610 Datasheet
149Kb / 3P
   2.00mm (.079") Pitch MicroBlade??Wire-to-Board Header, Vertical, 6 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com