Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0674921221 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0674921221
Description  1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), 0.76關m (30關") Gold (Au) Plating, Embossed Tape on Reel Packaging22 Circuits, Tape on Reel Packaging, Lead Free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0674921221 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0674921221 Datasheet HTML 1Page - Molex Electronics Ltd. 0674921221 Datasheet HTML 2Page - Molex Electronics Ltd. 0674921221 Datasheet HTML 3Page - Molex Electronics Ltd. 0674921221 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-67492-002
Product Specification
PS-67492-001
Sales Drawing
SD-67492-001
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0674921221

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0674921220 MOLEX7-0674921220 Datasheet
227Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), Gold (Au) Flash, Embossed Tape on Reel Packaging, 22 CircuitsLead Free
0674921222 MOLEX7-0674921222 Datasheet
227Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), 0.38關m (15關") Gold (Au) Plating, Embossed Tape on Reel Packaging22 Circuits, Lead Free,
0674921224 MOLEX7-0674921224 Datasheet
227Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 6.74mm (.265"), Gold (Au) Flash, Tape on Reel Packaging, 22 Circuits, Lead Free
0674921225 MOLEX7-0674921225 Datasheet
227Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), 0.76關m (30關") Gold (Au) Plating, Tape on Reel Packaging, 22 Circuits,Lead Free
0674921226 MOLEX7-0674921226 Datasheet
227Kb / 4P
   1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 6.74mm (.265"), 0.38關m (15關") Gold (Au) Plating, Tape on Reel Packaging, 22 CircuitsnLead Free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com